Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-68025QNL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PE-68025QNL
Description  Fully Integrated for Adapter, Hub, and Motherboard Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68025QNL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PE-68025QNL Datasheet HTML 1Page - Pulse A Technitrol Company PE-68025QNL Datasheet HTML 2Page - Pulse A Technitrol Company PE-68025QNL Datasheet HTML 3Page - Pulse A Technitrol Company PE-68025QNL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.pulseeng.com
3
E115.E (5/09)
SURFACE MOUNT 10BASE-T
INTERFACE MODULES
Fully Integrated for Adapter, Hub, and
Motherboard Applications
Resistor Values (
)
Part
IC
R1
R2
R3
R4
R5
R6
R7
Number
Manufacturer
E2001QNL
National
348.0
53.6
53.6
348.0
806
49.9
49.9
E2003QNL
AMD
61.9
422.0
61.9
422.0
1,210
49.9
49.9
E2007QNL
Motorola
39.0
39
49.9
49.9
LOW PASS
FILTER
5
8
6
LOW PASS
FILTER
R5
100 W
4
3
2
1
TRANSMIT CHANNEL
CHIP SIDE
UTP SIDE
R1
R2
R3
R4
1:1
NOTE: Common Mode Choke on transmit channel for E2001QNL and E2003QNL.
LOW PASS
FILTER
16
14
12
9
11
LOW PASS
FILTER
15
R6
R7
RECEIVE CHANNEL
CHIP SIDE
UTP SIDE
1:1
100 W
NOTE 1
Schematic
E2001QNL, E2003QNL, E2007QNL
Typical Application Circuit
E2001QNL, E2003QNL, E2007QNL
R1 R2
R3
R4
LPF
ANALOG INTERFACE MODULE
RJ-45
CONNECTOR
UTP
TD-
TD+
RD+
RD-
TWISTED
PAIR
TRANSMIT
OUTPUTS
16
LPF
LPF
LPF
RXI+
RXI-
14
13 12
11
10
9
13
5
6
7
8
2
1
3
6
.01µF
24
R5
R7 R6
15
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715


Similar Part No. - PE-68025QNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68025QNL PULSE-PE-68025QNL Datasheet
192Kb / 4P
   Fully Integrated for Adapter, Hub, and Motherboard Applications
PE-68025QNL PULSE-PE-68025QNL Datasheet
192Kb / 4P
   SURFACE MOUNT 10BASE-T INTERFACE MODULES
PE-68025QNL PULSE-PE-68025QNL Datasheet
192Kb / 4P
   SURFACE MOUNT 10BASE-T INTERFACE MODULES
More results

Similar Description - PE-68025QNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E2001QNL PULSE-E2001QNL Datasheet
192Kb / 4P
   Fully Integrated for Adapter, Hub, and Motherboard Applications
23Z108SM PULSE-23Z108SM Datasheet
740Kb / 10P
   For Adapter Cards, MAUs, Hubs, and Motherboard Applications
logo
Pepperl+Fuchs Inc.
MBHC-FB-4R.YO.R PF-MBHC-FB-4R.YO.R Datasheet
742Kb / 1P
   Compact Fieldbus Power Hub Motherboard for Yokogawa ALF111
2020-07-07
MBHC-FB-8R.YO.R PF-MBHC-FB-8R.YO.R Datasheet
852Kb / 1P
   Compact Fieldbus Power Hub Motherboard for Yokogawa ALF111
2020-11-11
FBTA-228-BPFB-8 PF-FBTA-228-BPFB-8 Datasheet
1Mb / 4P
   Universal Fieldbus Power Hub, Motherboard for Invensys FBM 228
FBTA-228-BPFB-R-4R PF-FBTA-228-BPFB-R-4R Datasheet
991Kb / 4P
   Universal Fieldbus Power Hub, Motherboard for Invensys FBM 228
FBTA-228-BPFB-R-8R PF-FBTA-228-BPFB-R-8R Datasheet
1Mb / 4P
   Compact Fieldbus Power Hub Motherboard for Invensys FBM 228
logo
Vishay Siliconix
VCNL4035X01 VISHAY-VCNL4035X01_V02 Datasheet
269Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor With 2C Interface and Interrupt Function for Gesture Applications
01-Jan-2023
VCNL4035X01 VISHAY-VCNL4035X01_V01 Datasheet
268Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor With I2C Interface and Interrupt Function for Gesture Applications
01-Jan-2022
VCNL4035X01 VISHAY-VCNL4035X01 Datasheet
258Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor with I2C Interface and Interrupt Function for Gesture Applications
Rev. 1.5, 10-Mar-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com