Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2009QNL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # E2009QNL
Description  Fully Integrated for Adapter, Hub, and Motherboard Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

E2009QNL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  E2009QNL Datasheet HTML 1Page - Pulse A Technitrol Company E2009QNL Datasheet HTML 2Page - Pulse A Technitrol Company E2009QNL Datasheet HTML 3Page - Pulse A Technitrol Company E2009QNL Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part
IC
Number
Manufacturer
R1
R2
R3
R4
R5
R6
R7
PE-68025QNL
AMD
TXD (+) = 61.9
TXP (+) = 422
TXD (-) = 61.9
TXP (-) = 422
1.2k
RX (+) = 49.9
RX (-) = 49.9
PE-68026NL
Various
PE-68027QNL
National
TXOD (-) = 274
TXO (+) = 66.5
TXO (-) = 66.5
TXOD (+) = 274
806
RX (+) = 49.9
RX (-) = 49.9
www.pulseeng.com
2
E115.E (5/09)
SURFACE MOUNT 10BASE-T
INTERFACE MODULES
Fully Integrated for Adapter, Hub, and
Motherboard Applications
Resistor Values ()
LOW PASS
FILTER
16
14
12
9
11
LOW PASS
FILTER
10
100 W
RECEIVE CHANNEL
CHIP SIDE
UTP SIDE
1:1
LOW PASS
FILTER
5
8
6
LOW PASS
FILTER
7
100 W
4
3
2
1
TRANSMIT CHANNEL
CHIP SIDE
UTP SIDE
R1
R2
R3
R4
1:1
NOTE: PE-68026NL does not contain resistors. They are an external configuration.
Schematic
PE-68025QNL, PE-68026NL, PE-68027QNL
PE-68025QNL, PE-68026NL, PE-68027QNL
Typical Application Circuit
LPF
ANALOG INTERFACE MODULE
RJ-45
CONNECTOR
UTP
TD-
TD+
RD+
RD-
TWISTED
PAIR
TRANSMIT
OUTPUTS
16
LPF
LPF
LPF
RXI+
RXI-
14
13 12
11
10
9
13
5
6
7
8
2
1
3
6
.01µF
24
R1 R2
R3
R4
R5
R6 R7
15
USA 858 674 8100 • Germany 49 7032 7806 0 • Singapore 65 6287 8998 • Shanghai 86 21 32181071 • China 86 755 33966678 • Taiwan 886 3 4643715


Similar Part No. - E2009QNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E2009QNL PULSE-E2009QNL Datasheet
192Kb / 4P
   Fully Integrated for Adapter, Hub, and Motherboard Applications
E2009QNL PULSE-E2009QNL Datasheet
192Kb / 4P
   SURFACE MOUNT 10BASE-T INTERFACE MODULES
E2009QNL PULSE-E2009QNL Datasheet
192Kb / 4P
   SURFACE MOUNT 10BASE-T INTERFACE MODULES
E2009QNLT PULSE-E2009QNLT Datasheet
192Kb / 4P
   SURFACE MOUNT 10BASE-T INTERFACE MODULES
More results

Similar Description - E2009QNL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
E2001QNL PULSE-E2001QNL Datasheet
192Kb / 4P
   Fully Integrated for Adapter, Hub, and Motherboard Applications
23Z108SM PULSE-23Z108SM Datasheet
740Kb / 10P
   For Adapter Cards, MAUs, Hubs, and Motherboard Applications
logo
Pepperl+Fuchs Inc.
MBHC-FB-4R.YO.R PF-MBHC-FB-4R.YO.R Datasheet
742Kb / 1P
   Compact Fieldbus Power Hub Motherboard for Yokogawa ALF111
2020-07-07
MBHC-FB-8R.YO.R PF-MBHC-FB-8R.YO.R Datasheet
852Kb / 1P
   Compact Fieldbus Power Hub Motherboard for Yokogawa ALF111
2020-11-11
FBTA-228-BPFB-8 PF-FBTA-228-BPFB-8 Datasheet
1Mb / 4P
   Universal Fieldbus Power Hub, Motherboard for Invensys FBM 228
FBTA-228-BPFB-R-4R PF-FBTA-228-BPFB-R-4R Datasheet
991Kb / 4P
   Universal Fieldbus Power Hub, Motherboard for Invensys FBM 228
FBTA-228-BPFB-R-8R PF-FBTA-228-BPFB-R-8R Datasheet
1Mb / 4P
   Compact Fieldbus Power Hub Motherboard for Invensys FBM 228
logo
Vishay Siliconix
VCNL4035X01 VISHAY-VCNL4035X01_V02 Datasheet
269Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor With 2C Interface and Interrupt Function for Gesture Applications
01-Jan-2023
VCNL4035X01 VISHAY-VCNL4035X01_V01 Datasheet
268Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor With I2C Interface and Interrupt Function for Gesture Applications
01-Jan-2022
VCNL4035X01 VISHAY-VCNL4035X01 Datasheet
258Kb / 18P
   Fully Integrated Proximity and Ambient Light Sensor with I2C Interface and Interrupt Function for Gesture Applications
Rev. 1.5, 10-Mar-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com