Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC4310WS Datasheet(PDF) 4 Page - Ericsson

Part # PMC4310WS
Description  DC/DC regulator Input 3.0 - 5.5 V Output 10 A
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMC4310WS Datasheet(HTML) 4 Page - Ericsson

  PMC4310WS Datasheet HTML 1Page - Ericsson PMC4310WS Datasheet HTML 2Page - Ericsson PMC4310WS Datasheet HTML 3Page - Ericsson PMC4310WS Datasheet HTML 4Page - Ericsson PMC4310WS Datasheet HTML 5Page - Ericsson PMC4310WS Datasheet HTML 6Page - Ericsson PMC4310WS Datasheet HTML 7Page - Ericsson PMC4310WS Datasheet HTML 8Page - Ericsson PMC4310WS Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image

EN/LZT146056R4A© EricssonPowerModules,March2007
PMC4318TWSDatasheet
Characteristics
min
typ
max
Unit
Tref
OperatingReferenceTemperature,seepg.27
-45
+115
˚C
TS
Storagetemperature
-55
+125
˚C
VI
Inputvoltage
-0.3
+5.5
Vdc
Characteristics
Conditions
min
typ
max
Unit
VI
Inputvoltagerange
3.0
5.5
Vdc
VIoff
Turn-offinputvoltage
Rampfromhighervoltage,Voutsetto1.0-2.5V
2.6
Vdc
Rampfromhighervoltage,Voutsetto3.3V
3.5
VIon
Turn-oninputvoltage
Rampfromlowervoltage,Voutsetto1.0-2.5V
2.7
Vdc
Rampfromlowervoltage,Voutsetto3.3V
3.6
CI
Inputcapacitance
20
µF
PIi
Inputidlingpower
Io=0A,VI=5V
570
mW
PRC
Inputstand-bypower(RCactive)
Nonoperation,VI=5V
7.5
mW
VIac
Inputripple1)
20Hz...5MHz,Iomax,VI=5V
300
mV
Input
StressinexcessofAbsoluteMaximumRatingsmaycausepermanentdamage.
AbsoluteMaximumRatings,sometimesreferredtoasnodestructionlimits,are
normallytestedwithoneparameteratatimeexceedingthelimitsofOutputdata
orElectricalCharacteristics.Ifexposedtostressabovetheselimits,functionand
performancemaydegradeinanunspecifiedmanner.
Absolute Maximum Ratings
Tref = -30 ... +90 ˚C, VI=3.0...5.5Vunlessotherwisespecified
Typvaluesspecifiedat:Tref = +25 ˚C, VInom,Iomax=10A
1)Measuredwith2x22µFceramiccapacitors
Fundamental Circuit Diagram
GND
GND
PWM
+IN
+OUT
+SENSE
Vadj
controller
Ref
GND
Error
amplifier
RC
RC
GND
Block


Similar Part No. - PMC4310WS

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
PMC40 ALPHAWIRE-PMC40 Datasheet
103Kb / 1P
   CUSTOMER PRODUCT SPECIFICATION
02/27/2018
logo
Potens Semiconductor Co...
PMC4998X POTENS-PMC4998X Datasheet
583Kb / 5P
   40V N-Channel MOSFETs
More results

Similar Description - PMC4310WS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMB4518TWP ERICSSON-PMB4518TWP Datasheet
1Mb / 29P
   DC/DC regulator Input 3.0 - 5.5 V Output 16 A
PMN8118UWP ERICSSON-PMN8118UWP Datasheet
1Mb / 38P
   DC/DC regulator, Input 5.5-14 V, Output 30 A/108 W
logo
Bel Fuse Inc.
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
XRPB-06F1AX BEL-XRPB-06F1AX Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
X7AH-01FXX0 BEL-X7AH-01FXX0 Datasheet
142Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 12 V/0.8 A & 15 V/0.6 A Output
VRBC-10F2AX BEL-VRBC-10F2AX Datasheet
234Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V - 5.5 V Input 0.75 V - 3.63 V/10 A Output
logo
Ericsson
PMD4118OWSR ERICSSON-PMD4118OWSR Datasheet
973Kb / 45P
   POL regulator, Input 3.0-5.5 V, Output 3 A/10.8 W
PMB8818TP ERICSSON-PMB8818TP Datasheet
1Mb / 32P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
PMC8818TS ERICSSON-PMC8818TS Datasheet
1Mb / 34P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com