Electronic Components Datasheet Search |
|
QMK212B7682KGHT Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc |
|
QMK212B7682KGHT Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc |
1 / 2 page Spec Sheet http://www.ty-top.com The data is reference only. Electrical characteristics vary depending on environment or measurement condition. TAIYO YUDEN reserves the right to make change to the Date at any time without notice. Before making final selection, please check product specification. CERAMIC CAPACITORS Medium-High Voltage MLCC for Automotive / Industrial Applications QMK212B7682KGHT Features Item Summary 250V, X7R, 0.0068μF, ±10%, 0805 Lifecycle Stage Mass Production AEC-Q200 qualified Standard packaging quantity (minimum) Taping Embossed 3000pcs Products characteristics table CaseSize (EIA/JIS) 0805/2012 Rated Voltage (max) 250V Capacitance 0.0068μF Capacitance Tolerance ±10% Resistance 10,000 MΩ min. Dielectric Loss Tangent 2.5%MAX Temperature Characteristics (EIA/JIS) X7R/- Temperature Range (EIA/JIS) -55 to +125℃/- Capacitance Change (EIA/JIS) ±15/-% RoHS Compliance Yes Halogen Free Yes Soldering Method Reflow External Dimensions L 2.0mm ±0.10 W 1.25mm ±0.10 T 1.25mm ±0.10 e 0.5mm ±0.25 2015.02.03 1 / 1 |
Similar Part No. - QMK212B7682KGHT |
|
Similar Description - QMK212B7682KGHT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |