Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT244CD Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT54FCT244CD
Description  FAST CMOS OCTAL BUFFER/LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT244CD Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT54FCT244CD Datasheet HTML 1Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 2Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 3Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 4Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 5Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 6Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 7Page - Integrated Device Technology IDT54FCT244CD Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IDT54/74FCT240/241/244/540/541/A/C
FAST CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.8
6
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT240
(1,2)
2606 tbl 07
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT241 AND FCT244(1,2)
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT241 AND FCT244
(1,2)
54/74FCT241/244
54/74FCT241A/244A
54/74FCT241C/244C
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Unit
tPLH
tPHL
Propagation Delay
DN to ON
CL = 50pF
RL = 500
1.5
6.5
1.5
7.0
1.5
4.8
1.5
5.1
1.5
4.1
1.5
4.6
ns
tPZH
tPZL
Output Enable Time
1.5
8.0
1.5
8.5
1.5
6.2
1.5
6.5
1.5
5.8
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
7.0
1.5
7.5
1.5
5.6
1.5
5.9
1.5
5.2
1.5
5.7
ns
2606 tbl 08
SWITCHING CHARACTERISTICS OVER OPERATING RANGE FOR FCT540 AND FCT541
(1,2)
NOTES:
2606 tbl 09
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
54/74FCT240
54/74FCT240A
54/74FCT240C
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Min. Max. Unit
tPLH
tPHL
Propagation Delay
DN to
ON
CL = 50pF
RL = 500
1.5
8.0
1.5
9.0
1.5
4.8
1.5
5.1
1.5
4.3
1.5
4.7
ns
tPZH
tPZL
Output Enable Time
1.5
10.0
1.5
10.5
1.5
6.2
1.5
6.5
1.5
5.8
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
9.5
1.5
10.0
1.5
5.6
1.5
5.9
1.5
5.2
1.5
5.7
ns
54/74FCT540/541
54/74FCT540A/541A
54/74FCT540C/541C
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max.
Min. Max. Unit
tPLH
tPHL
Propagation Delay
DN to
ON
IDT54/74FCT540
CL = 50pF
RL = 500
1.5
8.5
1.5
9.5
1.5
4.8
1.5
5.1
1.5
4.3
1.5
4.7
ns
tPLH
tPHL
Propagation Delay
DN to ON
IDT54/74FCT541
1.5
8.0
1.5
9.0
1.5
4.8
1.5
5.1
1.5
4.1
1.5
4.6
ns
tPZH
tPZL
Output Enable Time
1.5
10.0
1.5
10.5
1.5
6.2
1.5
6.5
1.5
5.8
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
9.5
1.5
10.0
1.5
5.6
1.5
5.9
1.5
5.2
1.5
5.7
ns


Similar Part No. - IDT54FCT244CD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT244CD IDT-IDT54FCT244CD Datasheet
128Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT54FCT244CDB IDT-IDT54FCT244CDB Datasheet
128Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Similar Description - IDT54FCT244CD

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Integrated Device Techn...
IDT54FCT244 IDT-IDT54FCT244 Datasheet
128Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com