Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB61B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SB61B
Description  Low/Medium Capacity Pushbuttons
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SB61B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SB61B Datasheet HTML 1Page - List of Unclassifed Manufacturers SB61B Datasheet HTML 2Page - List of Unclassifed Manufacturers SB61B Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series SB
Low/Medium Capacity Pushbuttons
www.nkk.com
C130
C
SB265
Supplied with Chrome
Plated Brass Cap
Panel Thickness
.291” (7.4mm)
41
(1.0) Typ
.039
(5.1)
.201
(25.5)
1.004
(10.7) Dia
.421
(14.5)
.571
(5.3)
.209
(10.0)
.394
M12 P1
(14.9)
.587
(6.7)
.264
(2.4) Dia
.094
(13.2)
.520
Keyway
(9.0)
.354
(12.5) Dia
.492
(3.0) Dia
.118
* UL, cULus & CSA recognized only when ordered with
marking on switch (see General Specs)
Pushbutton Position/Connected Terminals
( ) = Momentary
Electrical Capacity (Resistive)
Model
*Approvals
Pole &
Throw
Normal
Down
AC
125V
AC
250V
SB265
SPST
ON
1-4
OFF
6A
3A
Throw &
Schematic:
Note: Terminal numbers are
actually on the switch.
SINGLE POLE WITH SOLDER LUG *
14
SPST
Keyway
R
C
R
US
Notes: Standard Hardware: AT504M Knurled Nut, AT508 Lockwasher, AT527M Hex Backup Nut. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.
Panel Thickness
.193” (4.9mm)
SB25
Supplied with
AT414 Black Cap
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
Keyway
(19.2)
.756
(8.0)
.315
(14.0)
.551
(26.7)
1.051
(4.7)
.185
(2.4) Dia
.094
(4.8) Typ
.189
(13.2) Dia
.520
(7.0)
.276
(11.0)
.433
M12 P1
(5.7)
.224
63
52
41
COM
(31.2)
1.228
* UL, cULus & CSA recognized only when ordered with
marking on switch (see General Specs)
Pushbutton Position/Connected Terminals ( ) = Momentary
Electrical Capacity (Resistive)
Model
*Approvals
Pole &
Throw
Normal
Down
AC
125V
AC
250V
SB25
DPDT
ON
2-3 5-6
ON
2-1 5-4
15A
9A
Throw &
Schematic:
Note: Terminal numbers are
actually on the switch.
DOUBLE POLE WITH SOLDER LUG *
DPDT
Keyway
13
4
6
2
5
(COM)
R
C
R
US
Notes: Standard Hardware: AT504M Knurled Nut, AT508 Lockwasher, AT527M Hex Backup Nut. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.


Similar Part No. - SB61B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SB6100-00x-0 LITTELFUSE-SB6100-00x-0 Datasheet
835Kb / 2P
   ISB is also available with adjustable protection settings
SB6100-01x-0 LITTELFUSE-SB6100-01x-0 Datasheet
835Kb / 2P
   ISB is also available with adjustable protection settings
SB6100-10x-0 LITTELFUSE-SB6100-10x-0 Datasheet
835Kb / 2P
   ISB is also available with adjustable protection settings
SB6100-11x-0 LITTELFUSE-SB6100-11x-0 Datasheet
835Kb / 2P
   ISB is also available with adjustable protection settings
SB6100-20x-0 LITTELFUSE-SB6100-20x-0 Datasheet
835Kb / 2P
   ISB is also available with adjustable protection settings
More results

Similar Description - SB61B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
Cooper Bussmann, Inc.
BK-GMT-X COOPER-BK-GMT-X Datasheet
85Kb / 2P
   Medium time delay, low breaking capacity
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A_16 Datasheet
223Kb / 4P
   Medium Capacity Rockers
UB15SKW015C NKK-UB15SKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB215SKW01N-4JA NKK-UB215SKW01N-4JA Datasheet
271Kb / 7P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB15SKW015C-CB NKK-UB15SKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
logo
List of Unclassifed Man...
S2AL ETC2-S2AL Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com