Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT162501ATE Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT74FCT162501ATE
Description  FAST CMOS 18-BIT REGISTERED TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162501ATE Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT74FCT162501ATE Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162501ATE Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162501ATE Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162501ATE Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162501ATE Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162501ATE Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162501ATE Datasheet HTML 7Page - Integrated Device Technology IDT74FCT162501ATE Datasheet HTML 8Page - Integrated Device Technology IDT74FCT162501ATE Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IDT54/74FCT16501AT/CT/ET, 162501AT/CT/ET, 162H501AT/CT/ET
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.10
9
ORDERING INFORMATION
X
Temperature
Range
XXXX
Device Type
X
Package
X
Process
Blank
Commercial
B
MIL-STD-883, Class B
PV
PA
PF
E
Shrink Small Outline Package (SO56-1)
Thin Shrink Small Outline Package (SO56-2)
Thin Very Small Outline Package (SO56-3)
CERPACK (E56-1)
501AT
501CT
501ET
Non-Inverting 18-Bit Registered Transceiver
16-Bit High Drive
16-Bit Balanced Drive
16
162
IDT
FCT
2547 drw 09
Standard
Bus Hold
Blank
H
–55
°C to +125°C
–40
°C to +85°C
54
74
X
Bus Hold
X
Drive


Similar Part No. - IDT74FCT162501ATE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
More results

Similar Description - IDT74FCT162501ATE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16501AT RENESAS-IDT74FCT16501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
   3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com