Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT54FCT648CTP Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT54FCT648CTP
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT648CTP Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT54FCT648CTP Datasheet HTML 1Page - Integrated Device Technology IDT54FCT648CTP Datasheet HTML 2Page - Integrated Device Technology IDT54FCT648CTP Datasheet HTML 3Page - Integrated Device Technology IDT54FCT648CTP Datasheet HTML 4Page - Integrated Device Technology IDT54FCT648CTP Datasheet HTML 5Page - Integrated Device Technology IDT54FCT648CTP Datasheet HTML 6Page - Integrated Device Technology IDT54FCT648CTP Datasheet HTML 7Page - Integrated Device Technology IDT54FCT648CTP Datasheet HTML 8Page - Integrated Device Technology IDT54FCT648CTP Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IDT54/74FCT646/2646/652/2652T/AT/CT/DT, 648T/AT/CT
FAST CMOS OCTAL TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.20
5
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
2634 lnk 05
NOTE:
1. This parameter is measured at characterization but not tested.
Symbol
Description
Max.
Unit
VTERM(2) Terminal Voltage with Respect to
GND
–0.5 to +7.0
V
VTERM(3) Terminal Voltage with Respect to
GND
–0.5 to
VCC +0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–60 to +120
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
2634 lnk 04
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Commercial: TA = –40
°C to +85°C, VCC = 5.0V ± 5%; Military: TA = –55°C to +125°C, VCC = 5.0V ± 10%
2634 lnk 06
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Level
Guaranteed Logic LOW Level
0.8
V
II H
Input HIGH Current(4)
VCC = Max.
VI = 2.7V
±1
µA
II L
Input LOW Current(4)
VI = 0.5V
±1
IOZH
High Impedance Output Current
VCC = Max.
VO = 2.7V
±1
µA
IOZL
(3-State Output pins)(4)
VO = 0.5V
±1
II
Input HIGH Current(4)
VCC = Max., VI = VCC (Max.)
±1
µA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
VH
Input Hysteresis
200
mV
ICC
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC
0.01
1
mA
OUTPUT DRIVE CHARACTERISTICS FOR FCT646T/648T/652T
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.
VIN = VIH or VIL
IOH = –6mA MIL.
IOH = –8mA COM'L.
2.4
3.3
V
IOH = –12mA MIL.
IOH = –15mA COM'L.
2.0
3.0
V
VOL
Output LOW Voltage
VCC = Min.
VIN = VIH or VIL
IOL = 48mA MIL.
IOL = 64mA COM'L.
0.3
0.55
V
IOS
Short Circuit Current
VCC = Max., VO = GND(3)
–60
–120
–225
mA
IOFF
Input/Output Power Off Leakage(5)
VCC = 0V, VIN or VO
≤ 4.5V
±1
µA
2634 lnk 05


Similar Part No. - IDT54FCT648CTP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT640 IDT-IDT54FCT640 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT640A IDT-IDT54FCT640A Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT640AD IDT-IDT54FCT640AD Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT640ADB IDT-IDT54FCT640ADB Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT54FCT640AE IDT-IDT54FCT640AE Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results

Similar Description - IDT54FCT648CTP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Texas Instruments
CD54-74AC651 TI-CD54-74AC651 Datasheet
276Kb / 8P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD74ACT646EN TI1-CD74ACT646EN Datasheet
996Kb / 15P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD54-74AC646 TI-CD54-74AC646 Datasheet
263Kb / 8P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com