Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73404-1423 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73404-1423
Description  50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73404-1423 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73404-1423 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73404-1423
Status:
Active
Overview:
FAKRA II SMB and FAKRA RF Connector Systems
Description:
50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable,
Code D / Bordeaux Violet
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73404
Overview
FAKRA II SMB and FAKRA RF Connector Systems
Product Name
FAKRA, SMB
Style
Cable
UPC
822348767694
Wire/Cable Type
RG-174, RG-188, RG-316
Physical
Gender
Jack
Keying to Mating Part
Yes
Net Weight
5.772/g
Orientation
Straight
PCB Mounting
N/A
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Material Info
Old Part Number
734141423
Reference - Drawing Numbers
Sales Drawing
SD-73404-142
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Not Reviewed
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73404Series
This document was generated on 01/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73404-1423

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73404-1420 MOLEX11-73404-1420 Datasheet
32Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable,
73404-1421 MOLEX11-73404-1421 Datasheet
32Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG178, 188, 316, Code B /Signal White
73404-1422 MOLEX11-73404-1422 Datasheet
32Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable,
73404-1424 MOLEX11-73404-1424 Datasheet
32Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable,
73404-1425 MOLEX11-73404-1425 Datasheet
32Kb / 1P
   50 Ohms, FARKA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable
More results

Similar Description - 73404-1423

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73404-1427 MOLEX11-73404-1427 Datasheet
32Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable
73404-1430 MOLEX11-73404-1430 Datasheet
32Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable
0734041420 MOLEX11-0734041420 Datasheet
60Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable
0734041428 MOLEX11-0734041428 Datasheet
60Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable
0734041429 MOLEX11-0734041429 Datasheet
60Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable
73404-1422 MOLEX11-73404-1422 Datasheet
32Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable,
73404-1429 MOLEX11-73404-1429 Datasheet
32Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable
0734041426 MOLEX11-0734041426 Datasheet
60Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable
0734041430 MOLEX11-0734041430 Datasheet
60Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable
73404-1426 MOLEX11-73404-1426 Datasheet
32Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, Crimp, RG-174, RG-188 and RG-316 Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com