Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT16240CTPFB Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT74FCT16240CTPFB
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT16240CTPFB Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT74FCT16240CTPFB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT16240CTPFB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT16240CTPFB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT16240CTPFB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT16240CTPFB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT16240CTPFB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT16240CTPFB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT16240CTPFB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MILITARY AND COMMERCIAL TEMPERATURE RANGES
AUGUST 1996
©1996 Integrated Device Technology, Inc.
5.1
DSC–4226/9
1
Integrated Device Technology, Inc.
DESCRIPTION:
The FCT16240T/AT/CT/ET and FCT162240T/AT/CT/ET
16-bit buffer/line drivers are built using advanced dual metal
CMOS technology. These high-speed, low-power devices
offer bus/backplane interface capability with improved packing
density. The flow-through organization of signal pins simplifies
layout. The three-state controls are designed to operate these
devices in a Quad-Nibble, Dual-Byte or single 16-bit word
mode. All inputs are designed with hysteresis for improved
noise margin.
The FCT16240T/AT/CT/ET are ideally suited for driving
high capacitance loads and low-impedance backplanes. The
output buffers are designed with power off disable capability
to allow "live insertion" of boards when used as backplane
drivers.
The FCT162240T/AT/CT/ET have balanced output drive
with current limiting resistors. This offers low ground bounce,
minimal undershoot, and controlled output fall times– reduc-
ing the need for external series terminating resistors. The
FCT162240T/AT/CT/ET are plug-in replacements for
FCT16240T/AT/CT/ET and 54/74ABT16240 for on-board in-
terface applications.
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
FAST CMOS 16-BIT
BUFFER/LINE DRIVER
FUNCTIONAL BLOCK DIAGRAM
1
OE
1
A1
1
A2
1
A3
1
A4
1
Y1
1
Y2
1
Y3
1
Y4
2
OE
2
A1
2
A2
2
A3
2
A4
2
Y1
2
Y2
2
Y3
2
Y4
2541 drw 01
3
OE
3
A1
3
A2
3
A3
3
A4
3
Y1
3
Y2
3
Y3
3
Y4
4
OE
4
A1
4
A2
4
A3
4
A4
4
Y1
4
Y2
4
Y3
4
Y4
2541 drw 02
IDT54/74FCT16240T/AT/CT/ET
IDT54/74FCT162240T/AT/CT/ET
FEATURES:
• Common features:
0.5 MICRON CMOS Technology
High-speed, low-power CMOS replacement for
ABT functions
Typical tSK(o) (Output Skew) < 250ps
Low input and output leakage
≤1µA (max.)
ESD > 2000V per MIL-STD-883, Method 3015;
> 200V using machine model (C = 200pF, R = 0)
Packages include 25 mil pitch SSOP, 19.6 mil pitch
TSSOP, 15.7 mil pitch TVSOP and 25 mil pitch Cerpack
Extended commercial range of -40
°C to +85°C
–VCC = 5V
±10%
• Features for FCT16240T/AT/CT/ET:
High drive outputs (-32mA IOH, 64mA IOL)
Power off disable outputs permit “live insertion”
Typical VOLP (Output Ground Bounce) < 1.0V at
VCC = 5V, TA = 25
°C
• Features for FCT162240T/AT/CT/ET:
Balanced Output Drivers:
±24mA (commercial),
±16mA (military)
Reduced system switching noise
Typical VOLP (Output Ground Bounce) < 0.6V at
VCC = 5V,TA = 25
°C


Similar Part No. - IDT74FCT16240CTPFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16244AT IDT-IDT74FCT16244AT Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244ATE IDT-IDT74FCT16244ATE Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244ATEB IDT-IDT74FCT16244ATEB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244ATPA IDT-IDT74FCT16244ATPA Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244ATPAB IDT-IDT74FCT16244ATPAB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT16240CTPFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT163244 IDT-IDT74FCT163244 Datasheet
108Kb / 6P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com