Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT79R4650-200DPI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT79R4650-200DPI
Description  Low-Cost 64-bit RISController w/DSP Capability
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79R4650-200DPI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT79R4650-200DPI Datasheet HTML 7Page - Integrated Device Technology IDT79R4650-200DPI Datasheet HTML 8Page - Integrated Device Technology IDT79R4650-200DPI Datasheet HTML 9Page - Integrated Device Technology IDT79R4650-200DPI Datasheet HTML 10Page - Integrated Device Technology IDT79R4650-200DPI Datasheet HTML 11Page - Integrated Device Technology IDT79R4650-200DPI Datasheet HTML 12Page - Integrated Device Technology IDT79R4650-200DPI Datasheet HTML 13Page - Integrated Device Technology IDT79R4650-200DPI Datasheet HTML 14Page - Integrated Device Technology IDT79R4650-200DPI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11 of 25
March 28, 2000
IDT79RC4650™
3LQ#'HVFULSWLRQV
3LQ#'HVFULSWLRQV
3LQ#'HVFULSWLRQV
3LQ#'HVFULSWLRQV
The following is a list of interface, interrupt, and miscellaneous pins available on the RC4650. Pins marked with one asterisk are active when low.
####3LQ#1DPH
7\SH
'HVFULSWLRQ
System interface:
ExtRqst*
Input
External request
Signals that the system interface needs to submit an external request.
Release*
Output
Release interface
Signals that the processor is releasing the system interface to slave state
RdRdy*
Input
Read Ready
Signals that an external agent can now accept a processor read.
WrRdy*
Input
Write Ready
Signals that an external agent can now accept a processor write request.
ValidIn*
Input
Valid Input
Signals that an external agent is now driving a valid address or data on the SysAD bus and a valid com-
mand or data identifier on the SysCmd bus.
ValidOut*
Output
Valid output
Signals that the processor is now driving a valid address or data on the SysAD bus and a valid command
or data identifier on the SysCmd bus.
SysAD(63:0)
Input/Output
System address/data bus
A 64-bit address and data bus for communication between the processor and an external agent.
SysADC(7:0)
Input/Output
System address/data check bus
An 8-bit bus containing parity check bits for the SysAD bus during data bus cycles.
SysCmd(8:0)
Input/Output
System command/data identifier bus
A 9-bit bus for command and data identifier transmission between the processor and an external agent.
SysCmdP
Input/Output
Reserved system command/data identifier bus parity
For the RC4650 this signal is unused on input and zero on output.
Clock/control interface:
MasterClock
Input
Master clock
Master clock input used as the system interface reference clock. All output timings are relative to this input
clock. Pipeline operation frequency is derived by multiplying this clock up by the factor selected during
boot initialization.
VCCP
Input
Quiet VCC for PLL
Quiet VCC for the internal phase locked loop.
VSSP
Input
Quiet VSS for PLL
Quiet VSS for the internal phase locked loop.
Interrupt interface:
Int*(5:0)
Input
Interrupt
Six general processor interrupts, bit-wise ORed with bits 5:0 of the interrupt register.
NMI*
Input
Non-maskable interrupt
Non-maskable interrupt, ORed with bit 6 of the interrupt register.


Similar Part No. - IDT79R4650-200DPI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79R4640-100DU IDT-IDT79R4640-100DU Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79R4640-100DUI IDT-IDT79R4640-100DUI Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79R4640-100DZ IDT-IDT79R4640-100DZ Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79R4640-100DZI IDT-IDT79R4640-100DZI Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
More results

Similar Description - IDT79R4650-200DPI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
logo
Analog Devices
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
logo
Freescale Semiconductor...
MSC7118 FREESCALE-MSC7118 Datasheet
776Kb / 60P
   Low-Cost 16-bit DSP with DDR Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com