Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBCV-11 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SBCV-11
Description  Type SBC (Square Ceramic) Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SBCV-11 Datasheet(HTML) 2 Page - Tyco Electronics

  SBCV-11 Datasheet HTML 1Page - Tyco Electronics SBCV-11 Datasheet HTML 2Page - Tyco Electronics SBCV-11 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Model
Power
Ohmic Values
Dimensions
Max
Min
Max
A
B
L
SBCLF-4
4 W
2R2
2K2
10
9
25
SBCLF-5
5.5 W
2R2
5K6
10
9
38
SBCLF-7
7 W
3R3
8K2
10
9
50
SBCLF-10
10 W
4R7
12K
10
9
75
Solder for fuse is SnPb 60:40
Type SBC - (No Flutes in Ceramic)
Model
Power
Ohmic Values
Dimensions
Weight
Max
Min
Max
A
B
L
Grams
SBC-2
4 W
R20
6K8
6.4
6.4
20
2.3
SBC-4
5 W
R30
10K
6.4
6.4
25
2.9
SBC-6
7 W
R47
22K
6.4
6.4
38
4.2
SBC-8
9 W
1R0
8K2
9
9
38
7.4
SBC-11
11 W
1R0
22K
9
9
50
10.8
SBC-15
17 W
1R0
22K
9
9
75
15.3
Model
Power Ohmic Values
Dimensions
Weight
Max
Min
Max
A
B
L
Grams
SBCH-4
4 W
R20
6K8
7
8
20
2.2
SBCH-5
5 W
R30
10K
7
8
25
3.5
SBCH-6
7 W
R47
22K
7
8
38
5.0
SBCH-7
7 W
R33
10K
9
10
25
6.0
SBCH-8
9 W
1R0
8K2
9
10
38
8.0
SBCH-11 11 W
1R0
22K
9
10
50
10.0
SBCH-15 17 W
1R0
22K
9
10
75
15.0
L = Length of Ceramic Section
Type SBCH - (Flutes in Ceramic)
Type SBCLF - (Externally Fused Style)
SBCH - 4, 5, 6
SBCH - 7, 8, 11, 15
Type SBC - SBCH (Axial Power Resistor)
We offer three ceramic profiles for the main wattage sizes.
These are for additional heat dissipation and vertical mounting of resistors.
The suffix for each style is as follows:-
SBC Standard
SBCH 4/5/6/7
SBCH 8/11/15
Type SBCHE (For Vertical Mounting)
We offer SBCHE Styles with one lengthened lead for vertical mounting. See additional hardware on last page.
One Lead Length 20mm longer than case length. Supplied with one longer lead wrapped back in flute in ceramic.
High Power Resistor
Type SBC (Square Ceramic) Series
1773278 CIS BI 06/2011
Dimensions are in millimeters
Dimensions are shown for
For email, phone or live chat, go to: te.com/help
and inches unless otherwise
reference purposes only.
specified. Values in brackets
Specifications subject
are standard equivalents.
to change.


Similar Part No. - SBCV-11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SBCV-11 MACOM-SBCV-11 Datasheet
194Kb / 3P
   Type SBC (Square Ceramic) Series
logo
TE Connectivity Ltd
SBCV-11 TEC-SBCV-11 Datasheet
199Kb / 3P
   High Power Resistor
More results

Similar Description - SBCV-11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SBCHE1147RJ MACOM-SBCHE1147RJ Datasheet
194Kb / 3P
   Type SBC (Square Ceramic) Series
logo
Panasonic Semiconductor
LN249RPX PANASONIC-LN249RPX Datasheet
31Kb / 1P
   Square Type
LN250RPH PANASONIC-LN250RPH Datasheet
31Kb / 1P
   Square Type
LN275RPX PANASONIC-LN275RPX Datasheet
31Kb / 1P
   Square Type
LN252RPX PANASONIC-LN252RPX Datasheet
32Kb / 1P
   Square Type
LN281RPX PANASONIC-LN281RPX Datasheet
31Kb / 1P
   Square Type
LN260RCPX PANASONIC-LN260RCPX Datasheet
31Kb / 1P
   Square Type
LN260RPX PANASONIC-LN260RPX Datasheet
31Kb / 1P
   Square Type
LN265RPH PANASONIC-LN265RPH Datasheet
32Kb / 1P
   Square Type
LN273RPH PANASONIC-LN273RPH Datasheet
30Kb / 1P
   Square Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com