Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1376 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1376
Description  Complete, High Speed 16-Bit A/D Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1376 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1376_15 Datasheet HTML 3Page - Analog Devices AD1376_15 Datasheet HTML 4Page - Analog Devices AD1376_15 Datasheet HTML 5Page - Analog Devices AD1376_15 Datasheet HTML 6Page - Analog Devices AD1376_15 Datasheet HTML 7Page - Analog Devices AD1376_15 Datasheet HTML 8Page - Analog Devices AD1376_15 Datasheet HTML 9Page - Analog Devices AD1376_15 Datasheet HTML 10Page - Analog Devices AD1376_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD1376/AD1377
Rev. D | Page 7 of 12
In either adjustment circuit, the fixed resistor connected to
Pin 27 should be located close to this pin to keep the pin
connection short. Pin 27 is quite sensitive to external noise
pickup and should be guarded by ANALOG COMMON.
TIMING
The timing diagram is shown in Figure 8. Receipt of a
CONVERT START signal sets the STATUS flag, indicating
conversion in progress. This in turn removes the inhibit applied
to the gated clock, permitting it to run through 17 cycles. All
the SAR parallel bits, the STATUS flip-flops, and the gated clock
inhibit signal are initialized on the trailing edge of the
CONVERT START signal. At time t0, B1 is reset and B2–B16 are
set unconditionally. At t1, the Bit 1 decision is made (keep) and
Bit 2 is reset unconditionally. This sequence continues until the
Bit 16 (LSB) decision (keep) is made at t16. The STATUS flag is
reset, indicating that the conversion is complete and that the
parallel output data is valid. Resetting the STATUS flag restores
the gated clock inhibit signal, forcing the clock output to the
low Logic 0 state. Note that the clock remains low until the next
conversion.
Corresponding parallel data bits become valid on the same
positive-going clock edge.
t0
t1 t2
t3
t4 t5
t6
t7
t8 t9
t10 t11 t12 t13 t14 t15 t16
t17
(3)
(2)
(1)
0
1
10
0
1
11
0
1
1
1
1
0
1
0
0
1
1
0
0
1
1
1
0
1
1
1
1
0
1
0
MSB
STATUS
INTERNAL
CLOCK
CONVERT
START
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
BIT 14
BIT 15
LSB
LSB
MSB
MAXIMUM THROUGHPUT TIME
CONVERSION TIME (2)
NOTES:
1. THE CONVERT START PULSEWIDTH IS 50ns MIN AND MUST REMAIN LOW DURING A
CONVERSION. THE CONVERSION IS INITIATED BY THE TRAILING EDGE OF THE
CONVERT COMMAND.
2. MSB DECISION.
3. CLOCK REMAINS LOW AFTER LAST BIT DECISION.
Figure 8. Timing Diagram (Binary Code 0110011101111010)
DIGITAL OUTPUT DATA
Parallel data from TTL storage registers is in negative true form
(Logic 1 = 0 V and Logic 0 = 2.4 V). Parallel data output coding
is complementary binary for unipolar ranges and complement-
tary offset binary for bipolar ranges. Parallel data becomes valid
at least 20 ns before the STATUS flag returns to Logic 0,
permitting parallel data transfer to be clocked on the 1 to 0
transition of the STATUS flag (see Figure 9). Parallel data
output changes state on positive going clock edges.
BIT 16
VALID
BUSY
(STATUS)
20ns MIN TO 90ns
Figure 9. LSB Valid to Status Low
Short Cycle Input
Pin 32 (SHORT CYCLE) permits the timing cycle shown in
Figure 8 to be terminated after any number of desired bits has
been converted, allowing somewhat shorter conversion times in
applications not requiring full 16-bit resolution. When 10-bit
resolution is desired, Pin 32 is connected to Bit 11 output
Pin 11. The conversion cycle then terminates and the STATUS
flag resets after the Bit 10 decision (Figure 8). Short cycle
connections and associated 8-, 10-, 12-, 13-, 14-, and 15-bit
conversion times are summarized in Table 3 for a 1.6 MHz
clock (AD1377) or 933 kHz clock (AD1376).
Table 3. Short Cycle Connections
Resolution
Maximum
Conversion Time (µs)
Bits
(%
FSR)
AD1377
AD1376
Status
Flag
Reset
Connect
Short Cycle
Pin 32 to
16
0.0015 10
17.1
t16
NC (Open)
15
0.003
9.4
16.1
t15
Pin 16
14
0.006
8.7
15.0
t1
Pin 15
13
0.012
8.1
13.9
t13
Pin 14
12
0.024
7.5
12.9
t12
Pin 13
10
0.100
6.3
10.7
t10
Pin 11
8
0.390
5.0
8.6
t8
Pin 9
INPUT SCALING
The ADC inputs should be scaled as close to the maximum
input signal range as possible to use the maximum signal
resolution of the ADC. Connect the input signal as shown in
Table 4. See Figure 10 for circuit details.


Similar Part No. - AD1376_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1376JD AD-AD1376JD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1376JD AD-AD1376JD Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
AD1376KD AD-AD1376KD Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD1376KD AD-AD1376KD Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
More results

Similar Description - AD1376_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1376 AD-AD1376 Datasheet
174Kb / 8P
   Complete, High Speed 16-Bit A/D Converters
REV. B
AD1377 AD-AD1377_15 Datasheet
403Kb / 12P
   Complete, High Speed 16-Bit A/D Converters
REV. D
ADADC71 AD-ADADC71 Datasheet
647Kb / 8P
   Complete, High Resolution 16-Bit A/D Converters
REV. A
AD1316 AD-AD1316 Datasheet
573Kb / 8P
   Complete, High Speed 16-Bit A/D Converter
REV. B
AD674B AD-AD674B Datasheet
247Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674B AD-AD674B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774B AD-AD774B_15 Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD774BJNZ AD-AD774BJNZ Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
AD674BTE AD-AD674BTE Datasheet
174Kb / 12P
   Complete 12-Bit A/D Converters
REV. C
ADADC85 AD-ADADC85_15 Datasheet
1Mb / 12P
   Fast, Complete 12-Bit A/D Converters
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com