Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF3FF012-1ZST Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF3FF012-1ZST
Description  SUBMINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF3FF012-1ZST Datasheet(HTML) 1 Page - Hongfa Technology

  HF3FF012-1ZST Datasheet HTML 1Page - Hongfa Technology HF3FF012-1ZST Datasheet HTML 2Page - Hongfa Technology HF3FF012-1ZST Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Gcf_ Ni4@F79:;7=
Gcf_ Ni4@DQD796686?>7=;
IONHGB RFLBY
2FCPQNFO
76B 8;6VBD [n =6
78B 78;VBD
NO@78B 78;VBD
76B 8==VBD
JSO?6672 JSO5TS7<?:? 2 JSO7:6672 OISBS7>6672 JFDQ QD 6>6666 DFRTJGJFE
867: R_p4 7467
Ec_f_]nlc]
mnl_hanb
Sbi]e l_mcmn[h]_
Pf[mnc] m_[f_^2
Gfor jlii`_^
7 Gilg B
7 Gilg D
7 Gilg B
7 Gilg D
zLKIS -G<K9*{
70
77<
Dihmnlo]ncih
Ff_]nlc][f _h^ol[h]_
Gcf_ Ni4@:668;87>
Gcf_ Ni4@R;67:>9;<
?01
8LPFO, 70 Bff p[fo_m ohmj_]c`c_^ [l_ [n liig n_gj_l[nol_4
80 Ohfs nsjc][f fi[^m [l_ fcmn_^ [\ip_4 Onb_l fi[^ mj_]c`c][ncihm
][h \_ [p[cf[\f_ ojih l_ko_mn4
7I nsj_@ 7r 76;OPS /76B 8;6VBD2
R_mcmncp_ fi[^2 Riig n_gj42 7m ih ?m i``0
Dihn[]n [ll[ha_g_hn
7B
7D
NO
ND
M[r4 mqcn]bcha pifn[a_
M[r4 mqcn]bcha ]oll_hn
M[r4 mqcn]bcha jiq_l
M_]b[hc][f _h^ol[h]_
76B 8>VED
;B 8;6VBD
76B
7;B
;B
8==VBD 5 8>VED
8;6VBD
8==6VB 5 8>6W
78;6VB
7r76=OPS
7Z nsj_@;r76:OPS
/NO@ ;B5ND@ ;B 8;6VBD2R_mcmncp_ fi[^2
Riig n_gj42 ;m ih ;m i``0
76B 8==VBD
76B 8>VED
7;B 78;VBD [n =6
758IP 78;VBD /BaShO80
TV3; 786VBD [n =6 /BaShO80
NO@76B 8==VBD
NO@76B 8>VED
NO@76B 786VBD [n =6
ND@76B 786VBD [n =6
90 Gil m_[f_^ nsj_2 nb_ p_hn3bif_ ]ip_l mbiof^ \_ _r]cm_^4
Dihn[]n l[ncha
/R_m4 fi[^0
NO5ND@;B5;B 8;6VBD [n =6
NO@76B 8;6VBD [n =6
DQD6>66868=><7
42+22
<>.7585-=>;1 4534 :9@1; ;16-A
766g g[r4/[n 7B <VED0
BaShO82 BaD^O
Dihn[]n l_mcmn[h]_
Dihn[]n g[n_lc[f
/98=-/= 0-=-
;VED ni 8:VED@ Bjjlir4 9<6gWA
:>VED@ Bjjlir4 ;76gW
Dicf jiq_l
/956
W 7;B mqcn]bcha ][j[\cfcns
W 7 Gilg B [h^ 7 Gilg D ]ih`caol[ncihm
W So\gchc[nol_2 mn[h^[l^ PDC f[sion
W Pf[mnc] m_[f_^ [h^ `for jlii`_^ nsj_m [p[cf[\f_
W UL chmof[ncih msmn_g@ Df[mm G
W Fhpclihg_hn[f `lc_h^fs jli^o]n /RiIS ]igjfc[hn0
W Oonfch_ Ecg_hmcihm@ /7?46 r 7;48 r 7;4;0 gg
<-21=A -::;9?-6 ;-=583<
>6}/>6
Nigch[f
Vifn[a_
VED
Dicf
R_mcmn[h]_
M[r4
Vifn[a_
VED 1
/956 0-=-
;
<
?
78
7>
8:
:>
=6r/7 76-0
766r/7 76-0
88;r/7 76-0
:66r/7 76-0
?66r/7 76-0
7<66 r /7 76-0
:;66 r /7 76-0
Pc]e3oj
Vifn[a_
VED
g[r4
94>6
:4;6
<4>6
?466
794;
7>46
9<46
Elij3ion
Vifn[a_
VED
gch4
64;
64<
64?
748
74>
84:
:4>
<4;
=4>
774=
7;4<
894:
9748
<84:
[n 89
Jhmof[ncih l_mcmn[h]_
C_nq__h ]icf . ]ihn[]nm
C_nq__h ij_h ]ihn[]nm
Oj_l[n_ ncg_ /[n higc4 pifn40
R_f_[m_ ncg_ /[n higc4 pifn40
Goh]ncih[f
E_mnlo]ncp_
Vc\l[ncih l_mcmn[h]_
Iogc^cns
Bg\c_hn n_gj_l[nol_
T_lgch[ncih
Uhcn q_cabn
766M /[n ;66VED0
7;66VBD 7gch
=;6VBD 7gch
76gm g[r4
;gm g[r4
?>g5m8
?>6g5m8
76It ni ;;It 74;gg EB
;- ni >;- RI
3:6 ni =6
PDC
Bjjlir4 76a
/4-;-/=1;5<=5/<
:>
<:66 r /7 76-0
9<46
:4>
<84:
80
1M[rcgog pifn[a_ l_`_lm ni nb_ g[rcgog pifn[a_ qbc]b l_f[s
]icf ]iof^ _h^ol_ ch [ mbiln j_lci^ i` ncg_4
8LPFO, 70 Tb_l_ [l_ 8 nsj_m `il :>V33;76gW [h^ 9<6gW4 Tb_ ]icf
l_mcmn[h]_ `il ;76gW nsj_ cm :;66ibg qbcf_ `il nb[n `il
9<6gW nsj_ cm <:66ibg4 J` 9<6gW nsj_ cm l_kocl_^2 jf_[m_
[^^ [ mj_]c[f mo``cr /6<>0 ch nb_ il^_lcha ch`ilg[ncih4
?
01
8LPFO, 70 Gil m_[f_^ nsj_2 nb_ p_hn3bif_ ]ip_l mbiof^ \_ _r]cm_^4
80 Tb_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m4
90 Pf_[m_ `ch^ ]icf n_gj_l[nol_ ]olp_ ch nb_ ]b[l[]n_lcmnc] ]olp_m \_fiq4
:0 UL chmof[ncih msmn_g@ Df[mm C


Similar Part No. - HF3FF012-1ZST

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3FF HONGFA-HF3FF Datasheet
61Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF3FF HONGFA-HF3FF Datasheet
61Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF3FF-M HONGFA-HF3FF-M Datasheet
55Kb / 3P
   AUTOMOTIVE RELAY
HF3FF-M HONGFA-HF3FF-M Datasheet
56Kb / 3P
   AUTOMOTIVE RELAY
HF3FF-M0091HNIL HONGFA-HF3FF-M0091HNIL Datasheet
55Kb / 3P
   AUTOMOTIVE RELAY
More results

Similar Description - HF3FF012-1ZST

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF3FA HONGFA-HF3FA Datasheet
61Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF3FD HONGFA-HF3FD Datasheet
60Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF3FA HONGFA-HF3FA Datasheet
61Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
83Kb / 4P
   SUBMINIATURE HIGH POWER RELAY
HF21FF HONGFA-HF21FF Datasheet
54Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF25F HONGFA-HF25F Datasheet
90Kb / 4P
   SUBMINIATURE HIGH POWER RELAY
logo
List of Unclassifed Man...
HF3FD ETC2-HF3FD Datasheet
68Kb / 2P
   SUBMINIATURE HIGH POWER RELAY
logo
Hongfa Technology
HF3FF HONGFA-HF3FF Datasheet
61Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF12FF HONGFA-HF12FF Datasheet
53Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF32F HONGFA-HF32F Datasheet
70Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF7FD HONGFA-HF7FD Datasheet
53Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com