Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF8-1AH12-DSEF Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF8-1AH12-DSEF
Description  SUBMINIATURE INTERMEDIATE HIGH TEMPERATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF8-1AH12-DSEF Datasheet(HTML) 1 Page - Hongfa Technology

  HF8-1AH12-DSEF Datasheet HTML 1Page - Hongfa Technology HF8-1AH12-DSEF Datasheet HTML 2Page - Hongfa Technology HF8-1AH12-DSEF Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Uo\i_\m_@ Dkkmjs4 :;6hY
/:>XGF@ Dkkmjs4 <66hY0
U`indodq`@ Dkkmjs4 996hY
Idg` Pj4@H79:;7=
KQPJID THND[
Fjdgkjr`m
Idg` Pj4@:668;7>?
1DAOPMDN
LUQ?6672 LUQ5VU7<?:? 2 LUQ7:6672 QKUDU7>6672 LHFS SF 6>6666 FHTVLILHG
867: T`q4 7467
;DJNGOGQD OSLD
Fjdg
T`ndno\i^`
;OAJCAMC OSLD
Fjdg
T`ndno\i^`
KI>@ <D 966XDF58>XGF
KI>D@ <D 8==XDF596XGF
Dh]d`io o`hk`m\opm`
Ucj^f m`ndno\i^`
Gd`g`^omd^
nom`iboc
Rg\nod^ n`\g`_2
Igps kmjja`_
Rg\nod^ n`\g`_@7 s 76:QRU
Igps kmjja`_2 Uo\i_\m_ otk`@7 s 76; QRU
Igps kmjja`_2 U`indodq` otk`@; s 76: QRU
/PQ2 <D 966XDF2 T`ndnodq` gj\_2
Tjjh o`hk4 7n ji ?n jaa0
31*
7D2 7F
766h h\s4/\o 7D 8:XGF0
DbPd
Fjio\^o m\odib
/T`n4 gj\_0
;=-6474,<=:0 47<0:60/4,<0 98?0: :05,@
.87<,.< /,<,
.845
V :fX dhkpgn` rdocno\i_ qjgo\b`
/]`or``i ^jdg\i_ ^jio\^on0
V 7 Ijmh D \i_ 7 Ijmh F ^jiadbpm\odjin
V Up]hdid\opm`2 cdbc n`indodq`2 RFE g\tjpo
V Rg\nod^ n`\g`_ otk` ajm \pojh\od^ r\q` njg_`mdib
V WN dinpg\odji ntno`h@ Fg\nn I \q\dg\]g`
V Hiqdmjih`io\g amd`i_gt kmj_p^o /TjKU ^jhkgd\io0
V Qpogdi` Gdh`indjin@ /8749 s 7<48 s 7:4:0 hh
;
<
?
78
7>
8:
:>
<4;6
=4>6
774=
7;4<
894:
9748
<84:
;<s/7 76-0
>6s/7 76-0
7>6s/7 76-0
986s/7 76-0
=86s/7 76-0
78>6 s /7 76-0
9>66 s /7 76-0
9
94?6
86 s /7 76-0
Pjhdi\g
Xjgo\b`
XGF
Rd^f3pk
Xjgo\b`
XGF
h\s4
Gmjk3jpo
Xjgo\b`
XGF
hdi4
O\s4
Xjgo\b`
XGF 1
7KODN+ 70 Yc`i m`lpdmdib kd^f3pk qjgo\b` B =;- ja ijhdi\g qjgo\b`2 nk`^d\g
jm_`m \ggjr`_4
;
<
?
78
7>
8:
:>
9
<4;6
=4>6
774=
7;4<
894:
9748
<84:
94?6
Pjhdi\g
Xjgo\b`
XGF
Rd^f3pk
Xjgo\b`
XGF
h\s4
Gmjk3jpo
Xjgo\b`
XGF
hdi4
O\s4
Xjgo\b`
XGF 1
.845 /,<,
\o 89
>6s/7 76-0
776s/7 76-0
8;6s/7 76-0
::6s/7 76-0
7666 s /7 76-0
7=>6 s /7 76-0
=786 s /7 76-0
8>s/7 76-0
94=;
:4;6
<4=;
?466
794;
7>46
9<46
848;
648;
6496
64:;
64<6
64?6
7486
84:6
647;
94=;
:4;6
<4=;
?466
794;
7>46
9<46
848;
648;
6496
64:;
64<6
64?6
7486
84:6
647;
Linpg\odji m`ndno\i^`
E`or``i ^jdg. ^jio\^on
E`or``i jk`i ^jio\^on
Qk`m\o` odh` /\o ijhd4 qjgo40
T`g`\n` odh` /\o ijhd4 qjgo40
Kphd_dot
Ipi^odji\g
G`nomp^odq`
Xd]m\odji m`ndno\i^`
V`mhdi\odji
Wido r`dbco
766O /\o ;66XGF0
8666XDF 7hdi
=;6XDF 7hdi
<hn h\s4
9hn h\s4
;- oj >;- TK
3;; oj ?6
?>h5n8
?>6h5n8
76Ku oj ;;Ku 74;hh GD
RFE
Dkkmjs4 77b
.3,:,.<0:4;<4.;
Fjinomp^odji
80
1O\sdhph qjgo\b` m`a`mn oj oc` h\sdhph qjgo\b` rcd^c m`g\t
^jdg^jpg_ `i_pm` di \ ncjmo k`mdj_ ja odh`4
7KODN+ 70 Vc` _\o\ ncjri \]jq` \m` didod\gq\gp`n4
80 Rg`\n` adi_ ^jdg o`hk`m\opm` ^pmq` di oc` ^c\m\^o`mdnod^ ^pmq`n ]`gjr4
90 WN dinpg\odji ntno`h@ Fg\nn I
2 Fg\nn E2 Fg\nn D4
>
/0
966XDF 5 96XGF
<D
O\s4 nrdo^cdib qjgo\b`
O\s4 nrdo^cdib ^pmm`io
Fjio\^o \mm\ib`h`io
Fjio\^o m`ndno\i^`
Fjio\^o h\o`md\g
76=
Hg`^omd^\g `i_pm\i^`
O\s4 nrdo^cdib kjr`m
O`^c\id^\g`i_pm\i^`
7>66XD 5 966Y
7s76= QRU


Similar Part No. - HF8-1AH12-DSEF

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HF8-28F ASI-HF8-28F Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF8-28F ASI-HF8-28F Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF8-28F ASI-HF8-28F Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF8-28F ASI-HF8-28F_07 Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF8-28F ASI-HF8-28F_1 Datasheet
19Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - HF8-1AH12-DSEF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FA-T HONGFA-HF32FA-T Datasheet
69Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER HIGH TEMPERATURE RELAY
HF32FA-T HONGFA-HF32FA-T_15 Datasheet
65Kb / 3P
   SUBMINIATURE INTERMEDIATE HIGH TEMPERATURE POWER RELAY
HF32FA-T HONGFA-HF32FA-T Datasheet
66Kb / 3P
   SUBMINIATURE INTERMEDIATE HIGH TEMPERATURE POWER RELAY
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com