Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH10DC40 Datasheet(PDF) 8 Page - Teledyne Technologies Incorporated

Part # SH10DC40
Description  Latest generation MOSFET technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SH10DC40 Datasheet(HTML) 8 Page - Teledyne Technologies Incorporated

  SH10DC40 Datasheet HTML 1Page - Teledyne Technologies Incorporated SH10DC40 Datasheet HTML 2Page - Teledyne Technologies Incorporated SH10DC40 Datasheet HTML 3Page - Teledyne Technologies Incorporated SH10DC40 Datasheet HTML 4Page - Teledyne Technologies Incorporated SH10DC40 Datasheet HTML 5Page - Teledyne Technologies Incorporated SH10DC40 Datasheet HTML 6Page - Teledyne Technologies Incorporated SH10DC40 Datasheet HTML 7Page - Teledyne Technologies Incorporated SH10DC40 Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SHDC Page 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2010 TELEDYNE RELAYS
SHDC\012010\Q1
NEW Series SHDC
Output to 60A, 200 Vdc
High Industrial Performance (HIPpak) DC Solid-State Relays
OUTPUT RELAY CHARACTERISTIC CURVES FOR SH75DC60-16
0
0.05
0
.1
0.15
0
.2
0.25
0
.3
0
.35
0.0001
0.001
0.01
0.11
D=50%
D=20%
D=10%
D=5%
D=2%
D=1%
Single pulse
0
100
200
300
400
500
600
700
800
0.0001
0.001
0.01
0.11
Non-repetitive D=1% (Tc=100°C, Tjmax=175°C)
Repetitive D=50%(Tc=100°C, Tjmax=125°C)
Repetitive D=5% (Tc=100°C, Tjmax=175°C)
Repetitive D=10% (Tc=100°C, Tjmax=175°C)
Repetitive D=20% (Tc=100°C, Tjmax=175°C)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0
10
203040
5060
708090
100
110
0
0.21
10
C/W
4
C/W
2.2
C/W
2.1
C/W
1.1
C/W
0.9
C/W
0.55
C/W
0.3
C/W
1.2
C/W
0.82
1.85
3.3
5.15
7.42
10.1
13.2
16.7
20.6
24.9
29.7
34.8
0.75
C/W
0.1
1
10
100
1000
0
0,5
11,522,5
3
Uc=0 ; Tj=125°C
Uc 0 ; Tj=125°C
Pulse Duration (S)
Figure 10d
Pulse Duration (S)
Figure 10b
Ambient Temperature (
°C)
Figure 10a
Reverse Voltage Drop (V)
Figure 10c
0
2
4
6
8
10
12
-50
0
50
100
150
Junction Temperature (
°C)
Figure 10e


Similar Part No. - SH10DC40

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
SH10 ARCH-SH10 Datasheet
169Kb / 3P
   Encapsulated DC-DC Converter
logo
Laird Tech Smart Techno...
SH10 LSTD-SH10 Datasheet
533Kb / 2P
   Reliable solid state operation
logo
Arch Electronics Corp.
SH10-12-12D ARCH-SH10-12-12D Datasheet
169Kb / 3P
   Encapsulated DC-DC Converter
SH10-12-12S ARCH-SH10-12-12S Datasheet
169Kb / 3P
   Encapsulated DC-DC Converter
SH10-12-12S ARCH-SH10-12-12S Datasheet
200Kb / 3P
   Power Module for PCB Mountable
More results

Similar Description - SH10DC40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6775MPBF IRF-IRF6775MPBF_15 Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF_15 Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com