Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH20DC40-16 Datasheet(PDF) 3 Page - Teledyne Technologies Incorporated

Part # SH20DC40-16
Description  Latest generation MOSFET technology
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

SH20DC40-16 Datasheet(HTML) 3 Page - Teledyne Technologies Incorporated

  SH20DC40-16 Datasheet HTML 1Page - Teledyne Technologies Incorporated SH20DC40-16 Datasheet HTML 2Page - Teledyne Technologies Incorporated SH20DC40-16 Datasheet HTML 3Page - Teledyne Technologies Incorporated SH20DC40-16 Datasheet HTML 4Page - Teledyne Technologies Incorporated SH20DC40-16 Datasheet HTML 5Page - Teledyne Technologies Incorporated SH20DC40-16 Datasheet HTML 6Page - Teledyne Technologies Incorporated SH20DC40-16 Datasheet HTML 7Page - Teledyne Technologies Incorporated SH20DC40-16 Datasheet HTML 8Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2010 TELEDYNE RELAYS
(800) 284-7007 • www.teledynerelays.com
SHDC Page 3
SHDC\012010\Q1
NEW Series SHDC
Output to 60A, 200 Vdc
High Industrial Performance (HIPpak) DC Solid-State Relays
BUILT IN OVERVOLTAGE PROTECTION CHARACTERISTICS
I
elk
: Leakage current of relay
I
e
: User load nominal current
U
tp
: Relay max. non repetitive peak voltage
U
tmax
: Max. nominal voltage of relay
U
to
: Possible overvoltage above U
tmax
U
tn
: User power supply voltage
t
: Overvoltage duration
T
: Time between 2 overvoltages
Figure 5a
SH10DC40-16
Figure 5b
SH20DC20-16 & SH20DC40-16
Figure 5c
SH75DC-16
0
0
.2
0
.4
0
.6
0
.8
1
0
10 2030 405060 7080 90 100 Ut (V)
Ut max
( =U emax)
Ut p
I
elk
/ I
e
0
0
.2
0
.4
0
.6
0
.8
1
0
20 40
60 80 100 120 140 160 180 200 Ut (V)
Ut max
(=U emax)
Utp
I
elk
/ I
e
0
0
.2
0
.4
0
.6
0
.8
1
0 5 1015202530 35 404550556065 70 75 Ut (V)
Ut max
(=U emax)
Utp
I
elk
/ I
e
Voltage (Vdc)
Voltage (Vdc)
Voltage (Vdc)
Utp
Uto <
Ie
max)
Ut
Uto
(
.
max
t
×
=
75
0
1
1
×
×
=
T
t
Ie
max)
Ut
Uto
(
W
P
max
)
protection
(


Similar Part No. - SH20DC40-16

ManufacturerPart #DatasheetDescription
logo
Rohm
SH2002-DC70A ROHM-SH2002-DC70A Datasheet
57Kb / 4P
   Near edge thermal printhead (with thermal historical control)
SH2002-DC90A ROHM-SH2002-DC90A Datasheet
87Kb / 6P
   Near edge thermal printhead (8dots / mm)
SH2002-DC90A ROHM-SH2002-DC90A Datasheet
212Kb / 6P
   Near edge thermal printhead (8dots / mm)
SH2002-DC90A ROHM-SH2002-DC90A_07 Datasheet
212Kb / 6P
   Near edge thermal printhead (8dots / mm)
SH2004-DC70A ROHM-SH2004-DC70A Datasheet
71Kb / 4P
   Near edge thermal printhead (with thermal historical control)
More results

Similar Description - SH20DC40-16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6775MPBF IRF-IRF6775MPBF_15 Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF_15 Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com