Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP692AESA Datasheet(PDF) 6 Page - IMP, Inc

Part # IMP692AESA
Description  關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP692AESA Datasheet(HTML) 6 Page - IMP, Inc

Back Button IMP692AESA Datasheet HTML 2Page - IMP, Inc IMP692AESA Datasheet HTML 3Page - IMP, Inc IMP692AESA Datasheet HTML 4Page - IMP, Inc IMP692AESA Datasheet HTML 5Page - IMP, Inc IMP692AESA Datasheet HTML 6Page - IMP, Inc IMP692AESA Datasheet HTML 7Page - IMP, Inc IMP692AESA Datasheet HTML 8Page - IMP, Inc IMP692AESA Datasheet HTML 9Page - IMP, Inc IMP692AESA Datasheet HTML 10Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
IMP690A
IMP690A , 692A
, 692A , 802L, 802M, 805L
, 802L, 802M, 805L
Application Information
Watchdog Input
As discussed in the Reset section, the Watchdog Input is used to
monitor microprocessor activity. It can be used to insure that the
microprocessor is in a continually responsive state by requiring
that the WDI pin be toggled every second. If the WDI pin is not
toggled within the 1.6 second window (minimum tWD + tRS),
a reset pulse will be asserted to return the microprocessor to the
initial start-up state. Pulses as short as 50ns can be applied to the
WDI pin. If this feature is not used, the WDI pin should be open-
circuited or the logic placed into a high-impedance state to allow
the pin to float.
Backup-Battery Switchover
A power loss can be made less severe if the system RAM contents
are preserved. This is achieved in the IMP690/692/802/805 by
switching from the failed VCC to an alternate power source con-
nected at VBATT when VCC is less than the reset threshold voltage
(VCC < VRT), and VCC is less than VBATT. The VOUT pin is normally
connected to VCC through a 2Ω PMOS switch but a brown-out or
loss of VCC will cause a switchover to VBATT by means of a 20Ω
PMOS switch. Although both conditions (VCC < VRT and VCC <
VBATT) must occur for the switchover to VBATT to occur, VOUT will
be switched back to VCC when VCC exceeds VRT irrespective of the
voltage at VBATT. It should be noted that an internal device diode
(D1 in Figure 4) will be forward biased if VBATT exceeds VCC by
more than a diode drop when VCC is switched to VOUT. Because of
this it is recommended that VBATT be no greater than VRT +0.6V.
Figure 4. Internal device configuration of battery
switch-over function
VCC > Reset Threshold
VCC < Reset Threshold and
VCC > VBATT
VCC < Reset Threshold and
VCC < VBATT
IMP690A / IMP802L / IMP805L Reset Threshold = 4.65V
IMP692A / IMP802M Reset Threshold = 4.4V
Closed
Open
Open
Closed
Closed
Open
CONDITION
SW1/SW2
SW3/SW4
690A_06.eps
SW4
SW3
D2
D1
D3
IMP690A
IMP692A
IMP802L
IMP802M
IMP805L
SW1
SW2
VCC
VOUT
VBATT
Table 1. Pin Connections in Battery Backup Mode
During the backup power mode, the internal circuitry of the
supervisory circuit draws power from the battery supply. While
VCC is still alive, the comparator circuits remain alive and the cur-
rent drawn by the device is typically 35
µA. When VCC drops more
than 1.1V below VBATT, the internal switchover comparator, the
PFI comparator and WDI comparator will shut off, reducing the
quiescent current drawn by the IC to less than 1
µA.
Backup Power Sources - Batteries
Battery voltage selection is important to insure that the battery
does not discharge through the parasitic device diode D1 (see
Figure 4) when VCC is less than VBATT and VCC > VRT.
Table 2. Maximum Battery Voltages
Although most batteries that meet the requirements of Table 2 are
acceptable, lithium batteries are very effective backup source due
to their high-energy density and very low self-discharge rates.
Battery Replacement while Powered
Batteries can be replaced even when the device is in a powered
state as long as VCC remains above the reset threshold voltage VRT.
In the IMP devices, a floating VBATT pin will not cause a power-
supply switchover as can occur in some other supervisory
circuits. If VBATT is not used, the pin should be grounded.
Part No.
MAXIMUM Battery Voltage
IMP690A
4.80
IMP802L
4.80
IMP805L
4.80
IMP692A
4.55
IMP802M
4.55
Pin
Connection
VOUT
Connected to VBATT through internal PMOS switch
VBATT
Connected to VOUT
PFI
Disabled

PFO
Logic-LOW

RESET
Logic LOW (except on IMP805 where it is HIGH)
WDI
Watchdog timer disabled


Similar Part No. - IMP692AESA

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP692AESA A1PROS-IMP692AESA Datasheet
227Kb / 10P
   μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
More results

Similar Description - IMP692AESA

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
   UP Power Supply Supervisor With Battery Backup Switch
logo
TelCom Semiconductor, I...
TC70 TELCOM-TC70 Datasheet
89Kb / 7P
   MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
logo
Maxim Integrated Produc...
MAX6361 MAXIM-MAX6361 Datasheet
104Kb / 8P
   SOT23, Low-Power 關P Supervisory Circuits with Battery Backup
Rev 0; 1/00
logo
Texas Instruments
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
logo
Maxim Integrated Produc...
MAX703 MAXIM-MAX703 Datasheet
351Kb / 8P
   Low-Cost 關P Supervisory Circuits with Battery Backup
Rev 1; 4/94
logo
Texas Instruments
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com