Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC5140 Datasheet(PDF) 2 Page - Impala Linear Corporation

Part # ILC5140
Description  CMOS MULTILEVEL VOLTAGE DETECTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC5140 Datasheet(HTML) 2 Page - Impala Linear Corporation

  ILC5140 Datasheet HTML 1Page - Impala Linear Corporation ILC5140 Datasheet HTML 2Page - Impala Linear Corporation ILC5140 Datasheet HTML 3Page - Impala Linear Corporation ILC5140 Datasheet HTML 4Page - Impala Linear Corporation ILC5140 Datasheet HTML 5Page - Impala Linear Corporation ILC5140 Datasheet HTML 6Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin Number
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
Name
VIN
GND
CP+
CP-
CPVSS
MR
F1
F2
F3
F4
Pin Description and Function
Voltage input from power source - battery or power supply
IC Ground Pin
Charge Pump Capacitor +
Charge Pump Capacitor -
Charge Pump VSS
Manual Reset Input (Connects to CPVSS pin)
Connection for output flags. Flags are asserted in order of decreasing voltage
thresholds. F1 is asserted at a higher voltage than F2, F2 is asserted at a high-
er voltage than F3 and F3 is asserted at a higher voltage than F4. Output flags
are: ILC5140 - Open Drain RESET, ILC5141 - Push Pull RESET, ILC5142 -
Push Pull RESET
To Be Assigned
CMOS Multilevel Voltage Detector
Impala Linear Corporation
2
(408) 574-3939
www.impalalinear.com
Dec 2000
ILC514x 1.1
Pin-Package Configurations
Advance


Similar Part No. - ILC5140

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
Fairchild Semiconductor
ILC5061AIC23 FAIRCHILD-ILC5061AIC23 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
ILC5061AIC23X FAIRCHILD-ILC5061AIC23X Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
ILC5061AIC25 FAIRCHILD-ILC5061AIC25 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
More results

Similar Description - ILC5140

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM97-SERIES ELM-TECH-ELM97-SERIES Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
List of Unclassifed Man...
SCI7700Y ETC2-SCI7700Y Datasheet
59Kb / 8P
   CMOS VOLTAGE DETECTOR
logo
Torex Semiconductor
XC6101 TOREX-XC6101 Datasheet
521Kb / 26P
   CMOS Voltage Detector
logo
ELM Electronics
ELM97 ELM-ELM97 Datasheet
1Mb / 9P
   CMOS Voltage detector
logo
ELM Technology Corporat...
ELM97 ELM-TECH-ELM97 Datasheet
783Kb / 9P
   CMOS Voltage detector
ELM9709NAB-S ELM-TECH-ELM9709NAB-S Datasheet
105Kb / 9P
   CMOS Voltage detector
ELM77-SERIES ELM-TECH-ELM77-SERIES Datasheet
1Mb / 10P
   CMOS Dual voltage detector
ELM77221B-S ELM-TECH-ELM77221B-S Datasheet
130Kb / 11P
   CMOS Dual voltage detector
ELM772209BC-S ELM-TECH-ELM772209BC-S Datasheet
1Mb / 10P
   CMOS Dual voltage detector
logo
ELM Electronics
ELM77 ELM-ELM77 Datasheet
1Mb / 10P
   CMOS Dual voltage detector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com