Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si5933DC Datasheet(PDF) 5 Page - Vishay Siliconix

Part # Si5933DC
Description  Dual P-Channel 1.8 V (G-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si5933DC Datasheet(HTML) 5 Page - Vishay Siliconix

  Si5933DC Datasheet HTML 1Page - Vishay Siliconix Si5933DC Datasheet HTML 2Page - Vishay Siliconix Si5933DC Datasheet HTML 3Page - Vishay Siliconix Si5933DC Datasheet HTML 4Page - Vishay Siliconix Si5933DC Datasheet HTML 5Page - Vishay Siliconix Si5933DC Datasheet HTML 6Page - Vishay Siliconix Si5933DC Datasheet HTML 7Page - Vishay Siliconix Si5933DC Datasheet HTML 8Page - Vishay Siliconix Si5933DC Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Package Information
Vishay Siliconix
Document Number: 71151
15-Jan-04
www.vishay.com
1
1206-8 ChipFETR
c
E
E1
e
D
A
65
7
8
34
2
1
4
L
567
8
432
1
4
S
b
2X 0.10/0.13 R
Backside View
x
NOTES:
1.
All dimensions are in millimeaters.
2.
Mold gate burrs shall not exceed 0.13 mm per side.
3.
Leadframe to molded body offset is horizontal and vertical shall not exceed
0.08 mm.
4.
Dimensions exclusive of mold gate burrs.
5.
No mold flash allowed on the top and bottom lead surface.
DETAIL X
MILLIMETERS
INCHES
Dim
Min
Nom
Max
Min
Nom
Max
A
1.00
1.10
0.039
0.043
b
0.25
0.30
0.35
0.010
0.012
0.014
c
0.1
0.15
0.20
0.004
0.006
0.008
c1
0
0.038
0
0.0015
D
2.95
3.05
3.10
0.116
0.120
0.122
E
1.825
1.90
1.975
0.072
0.075
0.078
E1
1.55
1.65
1.70
0.061
0.065
0.067
e
0.65 BSC
0.0256 BSC
L
0.28
0.42
0.011
0.017
S
0.55 BSC
0.022 BSC
5_Nom
5_Nom
ECN: C-03528—Rev. F, 19-Jan-04
DWG: 5547


Similar Part No. - Si5933DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI5933DC VISHAY-SI5933DC Datasheet
104Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI5933DC VISHAY-SI5933DC Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
SI5933DC VISHAY-SI5933DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
More results

Similar Description - Si5933DC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI6973DQ VISHAY-SI6973DQ Datasheet
66Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 22-May-00
SI4965DY VISHAY-SI4965DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 13-Oct-03
SI4967DY VISHAY-SI4967DY Datasheet
62Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
SI5935DC VISHAY-SI5935DC Datasheet
73Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 16-Jun-03
SI5935DC-T1-E3 VISHAY-SI5935DC-T1-E3 Datasheet
233Kb / 10P
   Dual P-Channel 1.8 V (G-S) MOSFET
Rev. C, 19-Apr-10
logo
Guangdong Kexin Industr...
KI5935DC KEXIN-KI5935DC Datasheet
66Kb / 2P
   Dual P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6967DQ-T1-E3 VISHAY-SI6967DQ-T1-E3 Datasheet
216Kb / 10P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. D, 02-Jun-08
SI4967DY VISHAY-SI4967DY_V01 Datasheet
103Kb / 5P
   Dual P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
SI5905DC VISHAY-SI5905DC_V01 Datasheet
112Kb / 5P
   Dual P-Channel 1.8 V (G-S) MOSFET
SI1905DL VISHAY-SI1905DL Datasheet
57Kb / 4P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1907DL VISHAY-SI1907DL Datasheet
202Kb / 3P
   Dual P-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com