Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF18FFA012-4Z5TD Datasheet(PDF) 7 Page - Hongfa Technology

Part # HF18FFA012-4Z5TD
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF18FFA012-4Z5TD Datasheet(HTML) 7 Page - Hongfa Technology

Back Button HF18FFA012-4Z5TD Datasheet HTML 2Page - Hongfa Technology HF18FFA012-4Z5TD Datasheet HTML 3Page - Hongfa Technology HF18FFA012-4Z5TD Datasheet HTML 4Page - Hongfa Technology HF18FFA012-4Z5TD Datasheet HTML 5Page - Hongfa Technology HF18FFA012-4Z5TD Datasheet HTML 6Page - Hongfa Technology HF18FFA012-4Z5TD Datasheet HTML 7Page - Hongfa Technology HF18FFA012-4Z5TD Datasheet HTML 8Page - Hongfa Technology HF18FFA012-4Z5TD Datasheet HTML 9Page - Hongfa Technology HF18FFA012-4Z5TD Datasheet HTML 10Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Vapcu Wcpkgl_j5
HMQ p_gj mp Vapcu kmslrgle5
Zgrfr dglecp npmrcargml bctgac
Ennjga_`jc dmp < nmjcq
Vapcu Wcpkgl_j5
HMQ p_gj mp Vapcu kmslrgle5
Zgrf dglecp npmrcargml bctgac
Ennjga_`jc dmp < nmjcq
;;
;6{=7>
:<7;
:=6{:7<
=7=
:=
=
:<
:; ::
B
:9
>
?
A
@
<
;
:
<9
:?7>
<7=
?
;B7>
=:=
:<
B
:9
::
:;
A@
?
>
;6=7;[>
?
:
;
<
:=6P< v A
SGF Wcpkgl_j5
SGF kmslrgle
Ennjga_`jc dmp = nmjcq
Vapcu Wcpkgl_j5
HMQ p_gj mp Vapcu kmslrgle5
Zgrfrmsr dglecp npmrcargml
bctgac
Ennjga_`jc dmp = nmjcq
kcr_jjga pcr_glcp
:AJJ6L:
nj_qrga pcr_glcp
:AJJ6L=
kcr_jjga pcr_glcp
:AJJ6L>
k_picp
:AJJ6P:
njse6glkmbsjc
LJEE rm LJLX3
nj_qrga pcr_glcp
:AJJ6L=
kcr_jjga pcr_glcp
:AJJ6L>
k_picp
:AJJ6P:
njse6glkmbsjc
LJEE rm LJLX3
Vmaicr
SGF O_wmsr
Zgpgle Hg_ep_k
Rsrjglc Hgkclqgmlq
Gmknmlclrq
Et_gj_`jc
BGF?>A: 9>@:AE>BAE- I>D>A< 9>6<D6@ 6A9 C8 7B6D9 ?6JBGF
XlgrC kk
:AJJ6<]6G=
:AJJ6<]6G>
:AJJ6=]6E;
:AJJ6=]6G:
1Wmn Ygcu2
1Wmn Ygcu2
1Wmn Ygcu2
1Wmn Ygcu2
1Wmn Ygcu2
kcr_jjga pcr_glcp
:AJJ6L;
f`c sqcb glqcrqg
1Wmn Ygcu2
=A
1Wmn Ygcu2
;=
=;7?
;@7;
<:
B
;:
A
::
@
:=
=
;=
>
<=
?
<;
<
;;
;
:;
:
E;
:=
E:
:<
;;
;6
<
1Wmn Ygcu2
?97A
;B7:
=;7?
;=
;@7;
=:
:;
;:
:9
::
B
:=
>
;=
?
==
A
=;
=
;;
;
:;
:
E;
:=
E:
:<
E;
:=
GRP
QR
QG
GRMO
GRP
QR
QG
GRMO
;;
;6
<
=
;7A
:?
=7=
:<7;
;:7>


Similar Part No. - HF18FFA012-4Z5TD

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF18FF HONGFA-HF18FF Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF/012-2Z1DXXX HONGFA-HF18FF/012-2Z1DXXX Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF/012-2Z1GDXXX HONGFA-HF18FF/012-2Z1GDXXX Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF/012-2Z1GXXX HONGFA-HF18FF/012-2Z1GXXX Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF18FFA012-4Z5TD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com