Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF18FFA012-2Z1GD Datasheet(PDF) 5 Page - Hongfa Technology

Part # HF18FFA012-2Z1GD
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF18FFA012-2Z1GD Datasheet(HTML) 5 Page - Hongfa Technology

  HF18FFA012-2Z1GD Datasheet HTML 1Page - Hongfa Technology HF18FFA012-2Z1GD Datasheet HTML 2Page - Hongfa Technology HF18FFA012-2Z1GD Datasheet HTML 3Page - Hongfa Technology HF18FFA012-2Z1GD Datasheet HTML 4Page - Hongfa Technology HF18FFA012-2Z1GD Datasheet HTML 5Page - Hongfa Technology HF18FFA012-2Z1GD Datasheet HTML 6Page - Hongfa Technology HF18FFA012-2Z1GD Datasheet HTML 7Page - Hongfa Technology HF18FFA012-2Z1GD Datasheet HTML 8Page - Hongfa Technology HF18FFA012-2Z1GD Datasheet HTML 9Page - Hongfa Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Vapcu Wcpkgl_j5
HMQ p_gj mp Vapcu kmslrgle5
Ennjga_`jc dmp ; nmjcq
Vapcu Wcpkgl_j5
HMQ p_gj mp Vapcu kmslrgle5
Zgrf dglecp npmrcargml bctgac
Ennjga_`jc dmp ; nmjcq
Vapcu Wcpkgl_j5
HMQ p_gj mp Vapcu kmslrgle5
Zgrf dglecp npmrcargml bctgac
Ennjga_`jc dmp ; nmjcq
SGF Wcpkgl_j5
SGF kmslrgle
Ennjga_`jc dmp ; nmjcq
Vapcu Wcpkgl_j5
HMQ p_gj mp Vapcu kmslrgle5
Zgrf dglecp npmrcargml bctgac
Ennjga_`jc dmp ; nmjcq
:>
*
;6{=7>
:>
;6{=7>
A
>
B
:;
:<
:=
=
:
A
>
B
:;
:<
:=
=
:
<9
:?7>
;<
;6=7;v>
?
<7=
?
=
;7A
:>7A
:<7;
;:7>
:<7;
A6 {:7<
Vmaicr
SGF O_wmsr
Zgpgle Hg_ep_k
Rsrjglc Hgkclqgmlq
Gmknmlclrq
Et_gj_`jc
BGF?>A: 9>@:AE>BAE- I>D>A< 9>6<D6@ 6A9 C8 7B6D9 ?6JBGF
XlgrC kk
:AJJ6;]6E;
:AJJ6;]6G:
:AJJ6;]6G;
:AJJ6;]6G=
:AJJ6;]6G>
kcr_jjga pcr_glcp
:AJJ6L:
nj_qrga pcr_glcp
:AJJ6L=
kcr_jjga pcr_glcp
:AJJ6L>
k_picp
:AJJ6P:
njse6glkmbsjc
LJEE rm LJLX3
nj_qrga pcr_glcp
:AJJ6L=
kcr_jjga pcr_glcp
:AJJ6L>
k_picp
:AJJ6P:
njse6glkmbsjc
LJEE rm LJLX3
1Wmn Ygcu2
1Wmn Ygcu2
1Wmn Ygcu2
kcr_jjga pcr_glcp
:AJJ6L;
f`c sqcb glqcrqg
kcr_jjga pcr_glcp
:AJJ6L;
f`c sqcb glqcrqg
1Wmn Ygcu2
1Wmn Ygcu2
1Wmn Ygcu2
=?
<9
:?7>
:=
:<
;<
<7=
B
:;
A
>
:
=
;6=7;v>
?
?
1Wmn Ygcu2
1Wmn Ygcu2
=;7?
;=
;@7;
;;
;6
<
1Wmn Ygcu2
;@7;
;B7:
;=
?97A
=;7?
=:
:;
::
B
:=
>
==
A
=;
=
:;
:
E;
:=
E:
:<
E;
:=
;;
;6
<
GRP
QR
QG
GRMO
=:
:;
::
B
:=
>
==
A
=;
=
:;
:
E;
:=
E:
:<
GRP
QR
QG
GRMO


Similar Part No. - HF18FFA012-2Z1GD

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF18FF HONGFA-HF18FF Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF/012-2Z1DXXX HONGFA-HF18FF/012-2Z1DXXX Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF/012-2Z1GDXXX HONGFA-HF18FF/012-2Z1GDXXX Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF/012-2Z1GXXX HONGFA-HF18FF/012-2Z1GXXX Datasheet
83Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF18FFA012-2Z1GD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF92F HONGFA-HF92F_15 Datasheet
69Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com