Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL5020-SOP Datasheet(PDF) 2 Page - Tiger Electronic Co.,Ltd

Part # SL5020-SOP
Description  LOW VOLTAGE COMPANDER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SL5020-SOP Datasheet(HTML) 2 Page - Tiger Electronic Co.,Ltd

  SL5020-SOP Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 2Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 3Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 4Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 5Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 6Page - Tiger Electronic Co.,Ltd SL5020-SOP Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SL5020
2/7
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
Characteristic
Symbol
Value
Unit
Maximu m Supply Vo ltage
Vcc
10
V
Power Dissipation
P D
410
mW
Storage Temp erature Range
Ts tg
-55~150
°C
OPERATING CONDITIONS
Operating Supply Voltage : 1.8 ~ 5.0 V
Operating Temp erature Range : -20 ~ 70°C
Input frequency Range : 100Hz ~ 20kHz
Input Voltage : Comp ressor Input = 600mVrms
(Vcc=3V) Expander Input = 260mVrms


Similar Part No. - SL5020-SOP

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL5020 AUK-SL5020 Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020 Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
SL5020P AUK-SL5020P Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020_1 Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
More results

Similar Description - SL5020-SOP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
AUK corp
SL5020P AUK-SL5020P Datasheet
93Kb / 8P
   LOW VOLTAGE COMPANDER
SL5020 AUK-SL5020_1 Datasheet
299Kb / 9P
   LOW VOLTAGE COMPANDER
logo
Daewoo Semiconductor
DBL5020 DAEWOO-DBL5020 Datasheet
342Kb / 8P
   LOW VOLTAGE COMPANDER
logo
Sanyo Semicon Device
LA8632 SANYO-LA8632 Datasheet
183Kb / 9P
   Low-voltage, Low-current Compander
LA8633V SANYO-LA8633V Datasheet
160Kb / 8P
   Low-voltage, Low-current Compander?
LA8637M SANYO-LA8637M Datasheet
222Kb / 10P
   Low-Voltage/Low-Power Compander IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com