Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1835 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1835
Description  2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1835 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1835_15 Datasheet HTML 3Page - Analog Devices AD1835_15 Datasheet HTML 4Page - Analog Devices AD1835_15 Datasheet HTML 5Page - Analog Devices AD1835_15 Datasheet HTML 6Page - Analog Devices AD1835_15 Datasheet HTML 7Page - Analog Devices AD1835_15 Datasheet HTML 8Page - Analog Devices AD1835_15 Datasheet HTML 9Page - Analog Devices AD1835_15 Datasheet HTML 10Page - Analog Devices AD1835_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. B
AD1835
–7–
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
AVDD
OUTLP2
OUTLN2
OUTRP1
OUTRN1
OUTLP1
OUTLN1
PD/RST
CIN
CLATCH
DVDD
OUTRN3
OUTRP3
OUTLN4
OUTLP4
OUTRN4
OUTRP4
AGND
DLRCLK
DBCLK
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
52
51
50
49
48
47
46
45
44
43
42
41
40
AGND
M/S
AGND
AGND
DVDD
AVDD
AD1835
TOP VIEW
(Not to Scale)
PIN FUNCTION DESCRIPTIONS
Input/
Pin No.
Mnemonic
Output
Description
1, 39
DVDD
Digital Power Supply. Connect to digital 5 V supply.
2CLATCH
I
Latch Input for Control Data.
3
CIN
I
Serial Control Input.
4
PD/RST
I
Power-Down/Reset.
5, 10, 16, 24, 30, 35
AGND
Analog Ground.
6, 12, 25, 31
OUTLNx
O
DACx Left Channel Negative Output.
7, 13, 26, 32
OUTLPx
O
DACx Left Channel Positive Output.
8, 14, 27, 33
OUTRNx
O
DACx Right Channel Negative Output.
9, 15, 28, 34
OUTRPx
O
DACx Right Channel Positive Output.
11, 19, 29
AVDD
Analog Power Supply. Connect to analog 5 V supply.
17
FILTD
Filter Capacitor Connection. Recommended 10
µF/100 nF.
18
FILTR
Reference Filter Capacitor Connection. Recommended 10
µF/100 nF.
20
ADCLN
I
ADC Left Channel Negative Input.
21
ADCLP
I
ADC Left Channel Positive Input.
22
ADCRN
I
ADC Right Channel Negative Input.
23
ADCRP
I
ADC Right Channel Positive Input.
36
M/S
I
ADC
Master/Slave Select.
37
DLRCLK
I/O
DAC LR Clock.
38
DBCLK
I/O
DAC Bit Clock.
40, 52
DGND
Digital Ground.
41–44
DSDATAx
I
DACx Input Data (Left and Right Channels).
45
ABCLK
I/O
ADC Bit Clock.
46
ALRCLK
I/O
ADC LR Clock.
47
MCLK
I
Master Clock Input.
48
ODVDD
Digital Output Driver Power Supply.
49
ASDATA
O
ADC Serial Data Output.
50
COUT
O
Output for Control Data.
51
CCLK
I
Control Clock Input for Control Data.


Similar Part No. - AD1835_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1835A AD-AD1835A Datasheet
386Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. 0
AD1835A AD-AD1835A Datasheet
239Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835AAS AD-AD1835AAS Datasheet
386Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. 0
AD1835AAS AD-AD1835AAS Datasheet
239Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
AD1835AAS-REEL AD-AD1835AAS-REEL Datasheet
386Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. 0
More results

Similar Description - AD1835_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1837A AD-AD1837A_15 Datasheet
407Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1837 AD-AD1837 Datasheet
523Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1835 AD-AD1835 Datasheet
326Kb / 23P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. PrA
AD1837 AD-AD1837_15 Datasheet
533Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1837A AD-AD1837A Datasheet
401Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1838 AD-AD1838 Datasheet
424Kb / 24P
   2 ADC, 6 DAC,96 kHz, 24-Bit Codec
REV. 0
AD1838A AD-AD1838A_15 Datasheet
537Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1839 AD-AD1839_15 Datasheet
325Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. B
AD1838 AD-AD1838_15 Datasheet
501Kb / 24P
   2 ADC, 6 DAC, 96 kHz, 24-Bit Codec
REV. A
AD1835A AD-AD1835A_15 Datasheet
281Kb / 24P
   2 ADC, 8 DAC, 96 kHz, 24-Bit Codecs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com