Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF32F-G006-HSNIL Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF32F-G006-HSNIL
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF32F-G006-HSNIL Datasheet(HTML) 1 Page - Hongfa Technology

  HF32F-G006-HSNIL Datasheet HTML 1Page - Hongfa Technology HF32F-G006-HSNIL Datasheet HTML 2Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
?:
76B 8;6VBD
76B 96VED
Gbe^ Nh4@ F79:;7=
Gbe^ Nh4@ :667886:
0C@MNKCL
DhgmZ\m kZmbg` /R^l4 ehZ]0
Eb^e^\mkb\
lmk^g`ma
Sah\d
k^lblmZg\^
Biikhq4 :;6fW
Dhbe ihp^k
Gbe^ Nh4@ DQD786686=<;8>
IONHGB RFLBY
JSO?6672 JSO5TS7<?:? 2 JSO7:6672 OISBS7>6672 JFDQ QD 6>6666 DFRTJGJFE
867: R^o4 7467
76B 8==VBD 5 8;6VBD 5 96VED Zm >;
78B 78;VBD Zm >;
=./
76B 8;6VBD Zm >;
:B :66VBD Zm >;
20~}0{1
7B
766f fZq4/Zm 7B <VED0
B`SgO82 B`Nb2 B`D]O
8;6VBD 5 96VED
76B
8;66VB 5 966W
7q76<OPS
7q76;OPS
:<,5363+;<9/ 36;/95/.3+;/ 87>/9 9/4+?
T 76B lpbm\abg` \ZiZ[bebmr
T 7 Ghkf B \hg_b`nkZmbhg
T Sn[fbgbZmnk^2 lmZg]Zk] PDC eZrhnm
T PeZlmb\ l^Ze^]Zg]_enq ikhh_^] mri^l
T Pkh]n\m bg Z\\hk]Zg\^ mh JFD <699;37 ZoZbeZ[e^
T UL bglneZmbhg lrlm^f@ DeZll G
T Onmebg^ Ebf^glbhgl@ /7>4: q 7648 q 7;490 ff
DhgmZ\m ZkkZg`^f^gm
DhgmZ\m k^lblmZg\^
DhgmZ\m fZm^kbZe
-76;+-; .+;+
-2+9+-;/93:;3-:
JglneZmbhg k^lblmZg\^
C^mp^^g hi^g \hgmZ\ml
Oi^kZm^ mbf^ /Zm ghfb4 ohem40
R^e^Zl^ mbf^ /Zm ghfb4 ohem40
Infb]bmr
Bf[b^gm m^fi^kZmnk^
Gng\mbhgZe
E^lmkn\mbo^
Vb[kZmbhg k^lblmZg\^
T^kfbgZmbhg
Ugbm p^b`am
Dhglmkn\mbhg
C^mp^^g \hbe . \hgmZ\ml
7666M /Zm ;66VED0
8;66VBD 7fbg
7666VBD 7fbg
>fl fZq4
;fl fZq4
;- mh >;- RI
3:6 mh >;
?>f5l8
?>6f5l8
76Is mh ;;Is 74;ff EB
PDC
Biikhq4 <`
PeZlmb\ l^Ze^]2
Genq ikhh_^]
-734
;
<
?
78
7>
8:
94=;
:4;6
<4=;
?466
794;
7>46
648;
6496
64:;
64<6
64?6
7486
<4;
=4>
774=
7;4<
894:
9748
9
848;
647;
94?
;;q/7 76-0
>6q/7 76-0
7>6q/7 76-0
986q/7 76-0
=86q/7 76-0
78>6 q /7 76-0
86q/7 76-0
:>
9<46
84:6
<84:
;786 q /7 76-0
-734 .+;+
Zm 89
NhfbgZe
VhemZ`^
VED
Dhbe
R^lblmZg\^
Pb\d3ni
VhemZ`^
VED
fZq4
Ekhi3hnm
VhemZ`^
VED
fbg4
MZq4
VhemZ`^
VED 1
80 Jg hk]^k mh l^\nk^ [^mm^k ^e^\mkb\Ze ^g]nkZg\^2 p^ k^\hff^g]
ghm mh nl^ mabl k^eZr ng]^k ab`a m^fi^kZmnk^4
:+0/;? +8897=+4 9+;361:
<4|-<4
MZq4 lpbm\abg` ohemZ`^
MZq4 lpbm\abg` \nkk^gm
MZq4 lpbm\abg` ihp^k
M^\aZgb\Ze ^g]nkZg\^
=
./
6IMCL*70 Ta^ ]ZmZ lahpg Z[ho^ Zk^ bgbmbZe oZen^l4
6IMCL* 70 Bee oZen^l ngli^\b_b^]Zk^ Zm khhf m^fi^kZmnk^4
80 Oger mrib\Ze ehZ]l Zk^ eblm^]Z[ho^4 Oma^k ehZ]li^\b_b\Zmbhgl
\Zg [^ ZoZbeZ[e^ nihg k^jn^lm4
U76B 8;6VBD2 R^lblmbo^ ehZ]2
Rhhf m^fi42 7l hg ?l h__0
Fe^\mkb\Ze ^g]nkZg\^
6IMCL*
1MZqbfnf ohemZ`^ k^_^kl mh ma^ fZqbfnf ohemZ`^ pab\a k^eZr
\hbe \hne]^g]nk^ bg Z lahkm i^kbh]h_ mbf^4


Similar Part No. - HF32F-G006-HSNIL

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32F-G HONGFA-HF32F-G Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G HONGFA-HF32F-G Datasheet
54Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G/003-H3XXX HONGFA-HF32F-G/003-H3XXX Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G/003-HS3XXX HONGFA-HF32F-G/003-HS3XXX Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G/003-HSTXXX HONGFA-HF32F-G/003-HSTXXX Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF32F-G006-HSNIL

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com