Electronic Components Datasheet Search |
|
SLI-343V8RC3F Datasheet(PDF) 1 Page - Rohm |
|
SLI-343V8RC3F Datasheet(HTML) 1 Page - Rohm |
1 / 4 page Data Sheet (2.5) Cathode φ 3.8 φ 3.1 □0.4 Tolerance : ±0.2 (unit : mm) 2.5 or 5.0 2.0 1.0 ±0.1 (unit : mm) Part No. Chip Structure Emitting Color Absolute Maximum Ratings (Ta =25℃) Electrical and Optical Characteristics (Ta =25℃) Power Dissipation PD(mW) Forward Current IF(mA) Peak Forward Current IFP(mA) Reverse Voltage VR(V) Operating Temperature Topr( ℃) Storage Temperature Tstg( ℃) Forward Voltage VF Reverse Current IR Dominant Wavelength Luminous Intensity IV Typ.(V) IF(mA) Max. ( μA) VR(V) λD Typ.(nm) IF(mA) Min. (mcd) Typ. (mcd) I F (mA) ■ SLI-343V8RC AIGaInP on GaAs Red 54 20 100* 9 -30 to +85 -40 to +100 2.2 20 10 9 630 20 150 330 20 ■ SLI-343U8RC 620 ■ SLI-343D8C Orange 605 330 680 ■ SLI-343Y8C Yellow 590 ■ SLI-343M8C Yellowish Green 572 68 150 ■ SLI-343P8C Green 560 10 22 ■ SLI-343V8R Red 630 100 220 ■ SLI-343U8R 620 ■ SLI-343D8U Orange 605 220 470 ■ SLI-343Y8Y Yellow 590 ■ SLI-343M8G Yellowish Green 572 68 150 ■ SLI-343P8G Green 560 10 22 Viewing angle 2 θ 1/2 / 40 : EXCELED ™ RELATIVE INTENSITY(%) 10° 10° 20° 20° 40° 50° 70° 80° 40° 50° 70° 80° 0 50 100 50 100 0° 30° 60° 90° 30° 60° 90° ANGULAR DISPLACEMENT(deg) Directivity (deg) RELATIVE INTENSITY (%) Diffused Clear *:Duty1/10, 1kHz Specifications Dimensions Recommended Solder Pattern Viewing Angle *EXCELED™ is ROHM's pending trademark. Features ・Viewing angle 2θ 1/2 : 40° ・High brightness ・Low current consumption ・Competent to direct mount SLI-343 8 Series EXCELED ™ Color Type V U D Y M P 1/3 © 2011 ROHM Co., Ltd. All rights reserved. www.rohm.com 2011.12 - Rev.B |
Similar Part No. - SLI-343V8RC3F |
|
Similar Description - SLI-343V8RC3F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |