Selected language     English  Ôľ╝


SMAJ7.0A Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part No. SMAJ7.0A
Description  SMAJ Transient Voltage Suppressor Diode Series
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 5 page
background image
.......
.......
.......
.......
.......
.......
.......
.......
PA
F
E
T
120 ┬░
D2
D
D
1
W1
C
Index Hole
P
0
P
1
W
B
10 pitches (min.)
Direction of Feed
10 pitches (min.)
End
Trailer
Device
Leader
Start
d
CDDFN5-0504N - TVS/Steering Diode Array
Packaging Information
The product will be dispensed in tape and reel format (see diagram below).
Devices are packed in accordance with EIA 481
standard speci´Čücations shown here.
DIMENSIONS:
MM
(INCHES)
Item
Symbol
SMA (DO-214AC)
Carrier Width
A
2.90 ┬▒ 0.10
(0.114 ┬▒ 0.004)
Carrier Length
B
5.59 ┬▒ 0.10
(0.220 ┬▒ 0.004)
Carrier Depth
C
2.36 ┬▒ 0.10
(0.093 ┬▒ 0.004)
Sprocket Hole
d
1.55 ┬▒ 0.05
(0.061 ┬▒ 0.002)
Reel Outside Diameter
D
330
(12.992)
Reel Inner Diameter
D1
50.0
(1.969)
MIN.
Feed Hole Diameter
D2
13.0 ┬▒ 0.20
(0.512 ┬▒ 0.008)
Sprocket Hole Position
E
1.75 ┬▒ 0.10
(0.069 ┬▒ 0.004)
Punch Hole Position
F
5.50 ┬▒ 0.05
(0.217 ┬▒ 0.002)
Punch Hole Pitch
P
4.00 ┬▒ 0.10
(0.157 ┬▒ 0.004)
Sprocket Hole Pitch
P0
4.00 ┬▒ 0.10
(0.157 ┬▒ 0.004)
Embossment Center
P1
2.00 ┬▒ 0.05
(0.079 ┬▒ 0.002)
Overall Tape Thickness
T
0.30 ┬▒ 0.10
(0.012 ┬▒ 0.004)
Tape Width
W
12.00 ┬▒ 0.20
(0.472 ┬▒ 0.008)
Reel Width
W1
18.4
(0.724)
MAX.
Quantity per Reel
--
5,000
REV. 08/12
Speci´Čücations are subject to change without notice.
Customers should verify actual device performance in their speci´Čüc applications.
SMAJ Transient Voltage Suppressor Diode Series




Html Pages

1  2  3  4  5 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved┬ę Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl