Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC7011 Datasheet(PDF) 1 Page - Impala Linear Corporation

Part # ILC7011
Description  80mA SC70 Ultra Low Noise CMOS RF-LDO??Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMPALA [Impala Linear Corporation]
Direct Link  
Logo IMPALA - Impala Linear Corporation

ILC7011 Datasheet(HTML) 1 Page - Impala Linear Corporation

  ILC7011 Datasheet HTML 1Page - Impala Linear Corporation ILC7011 Datasheet HTML 2Page - Impala Linear Corporation ILC7011 Datasheet HTML 3Page - Impala Linear Corporation ILC7011 Datasheet HTML 4Page - Impala Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The ILC7011 is an 80mA, Ultra Low Noise, Low Dropout
(LDO) linear regulator, designed and processed in Impala’s
proprietary CMOS process technology. This process com-
bines the best CMOS features of low quiescent current,
small size and low dropout voltage with the best bipolar fea-
tures of high ripple rejection, ultra low noise and power han-
dling capability. The ILC7011 offers a quiescent current of
less than 100µA, a logic level enable (regulator on/off) pin,
a footprint that is half the size of the industry standard SOT-
23 and a low dropout voltage of 50mV at 10mA. With bet-
ter than 70dB (1kHz) of ripple rejection, ultra low noise of
10µVRMS and 1% output voltage accuracy, the ILC7011 sets
a new standard in linear regulators for communications and
personal electronics applications.
The ILC7011 is designed to operate with small, low cost,
ceramic capacitors and is stable over a wide range of ESR
values.
In addition to the output capacitor, the ILC7011
requires only a 1µF input capacitor. The enable pin can be
tied to VIN for easy device layout. The ILC7011 is available
in a number of fixed output voltages ranging from 2.5V to
8V. An adjacent version will be available shortly.
The ILC7011 is ideally suited for use in small size cordless
and cellular handsets as well as many other low battery
powered electronic devices.
Please contact Impala for
samples and application information.
ILC7011
80mA SC70 Ultra Low Noise CMOS RF-LDO™ Regulator
Impala Linear Corporation
Impala Linear Corporation
1
(408) 574-3939
www.impalalinear.com
August 2000
ILC7011 1.4
Preliminary
• 1% output voltage accuracy
• Only 10µVRMS noise from 300Hz to 100kHz
• Uses low ESR ceramic or Tantalum output capacitor to
minimize noise and output ripple.
• Only 90µA ground current at 80mA load
• Ripple rejection up to 70dB at 1kHz, 60dB at 1MHz
• Excellent line and load transient response
• Guaranteed to 80mA output current
• Industry standard five lead SC70 packages
• Fixed 2.8V, 3.0V, 3.3V, 3.6V, 4.7V, 5.0V, output voltage
options
• Metal mask option available for custom voltages between
2.5V and 8V
• Cellular phones
• Wireless communicators
• PDAs / palmtops / organizers
• Battery powered portable electronics
5
ILC7011
ON
OFF
V
IN
C
IN
C
OUT
V
OUT
4
12
3
C
NOISE
Ordering Information
(TA = 0°C to 70°C)
Typical Circuit
ILC7011C5-XX
80mA, fixed voltage, SC-70 Package
Note: Fixed voltage options are defined by 2-digit code as shown
in the package markings information section of the data sheet
General Description
Features
Applications


Similar Part No. - ILC7011

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC7011 FAIRCHILD-ILC7011 Datasheet
369Kb / 11P
   80mA SC70 Low Noise CMOS RF-LDO Regulator
ILC7011AIC525X FAIRCHILD-ILC7011AIC525X Datasheet
369Kb / 11P
   80mA SC70 Low Noise CMOS RF-LDO Regulator
ILC7011AIC526X FAIRCHILD-ILC7011AIC526X Datasheet
369Kb / 11P
   80mA SC70 Low Noise CMOS RF-LDO Regulator
ILC7011AIC527X FAIRCHILD-ILC7011AIC527X Datasheet
369Kb / 11P
   80mA SC70 Low Noise CMOS RF-LDO Regulator
ILC7011AIC5285X FAIRCHILD-ILC7011AIC5285X Datasheet
369Kb / 11P
   80mA SC70 Low Noise CMOS RF-LDO Regulator
More results

Similar Description - ILC7011

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7010 IMPALA-ILC7010 Datasheet
50Kb / 4P
   80MA SC70 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7010 FAIRCHILD-ILC7010 Datasheet
369Kb / 11P
   80mA SC70 Low Noise CMOS RF-LDO Regulator
logo
Taiwan Semiconductor Co...
TS5204 TSC-TS5204_13 Datasheet
205Kb / 9P
   80mA Low Noise LDO Voltage Regulator
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Unisonic Technologies
LR1198 UTC-LR1198 Datasheet
160Kb / 4P
   ULTRA-LOW NOISE, ULTRA-FAST CMOS LDO REGULATOR
logo
TECH PUBLIC Electronics...
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
   200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com