Electronic Components Datasheet Search |
|
0201TFN20 Datasheet(PDF) 3 Page - Frontier Electronics. |
|
0201TFN20 Datasheet(HTML) 3 Page - Frontier Electronics. |
3 / 3 page 0201TF Series- SMD THIN FILM CERAMIC CHIP INDUCTORS Rev. A H. Environmental Characteristics: J. Solder Profile: ITEM Specification Test Method 1 Inductance As SPEC. Measuring equipment and fixture: HP4287 + Agilent 16196C 2 Insulation Resistance >1000MΩ MIL-STD-202F Method 302 Apply 100V∞ for 1 minute 3 Damp Heat with Load ∆L ≤10% MIL-STD-202F Method 103B 40±2°C, 90~95% R.H. Max. working voltage for 1000 hrs with 1.5 hrs “ON” and 0.5 hrs “OFF” 4 Bending Strength As SPEC. JIS-C-5201-1 6.1.4 Bending Amplitude 3mm for 10 seconds 5 Solder-ability 95% min coverage MIL-STD-202F Method 208H 245±5°C for 3 seconds 6 Resistance to Soldering Heat △L≤10% MIL-STD-202FMethod210E 260±5°C for 10 seconds 7 Dielectric Withstand Voltage >100V MIL-STD-202F Method 301. Apply 100VA (rms) for 1minute. 8 High Temperature Exposure △L≦10% JIS-C-5201-1-7.2 85ºC ± 2ºC, 1000 +48/-0 hours 9 Low Temperature Storage △L≦10% JIS-C-5201-1-7.1 -40ºC ± 3ºC, 1000 +48/-0 hours 10 Temperature Cycle △L≦10% JIS-C-5201-1-7.4 -40/RT/85/RT, 10 cycles • Storage Temperature: 25±3°C; Humidity < 80% RH Frontier Electronics Corp. ® Page 3 of 3 667 E. Cochran St., Simi Valley, CA 93065 http://www.frontierusa.com Phone: 1-805-522-9998, Fax: 1-805-522-9989 |
Similar Part No. - 0201TFN20 |
|
Similar Description - 0201TFN20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |