Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAZ5941B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SMAZ5941B
Description  Surface Mount Power Voltage-Regulating Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMAZ5941B Datasheet(HTML) 2 Page - Vishay Siliconix

  SMAZ5941B Datasheet HTML 1Page - Vishay Siliconix SMAZ5941B Datasheet HTML 2Page - Vishay Siliconix SMAZ5941B Datasheet HTML 3Page - Vishay Siliconix SMAZ5941B Datasheet HTML 4Page - Vishay Siliconix SMAZ5941B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMAZ5919B thru SMAZ5945B
www.vishay.com
Vishay General Semiconductor
Revision: 12-Jan-15
2
Document Number: 88488
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
VZ
Reverse Zener voltage at IZT
IZT
Reverse current
ZZT
Maximum Zener impedance at IZT
IZK
Reverse current
ZZK
Maximum Zener impedance at IZK
IR
Reverse leakage current at VR
VR
Reverse voltage
IF
Forward current
VF
Forward voltage at IF
IZM
Maximum DC Zener current
Zener Voltage Regulator
V
IF
VZ VR
IR
IZT
VF
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART
NUMBER
DEVICE
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST CURRENT
MAXIMUM ZENER
IMPEDANCE
REVERSE
LEAKAGE
CURRENT
MAXIMUM
ZENER
CURRENT
VZ AT IZT
IZT
IZK
ZZT AT IZT ZZK AT IZK
IR AT VR
IZM
vmA
μA
V
mA
MIN. NOM. MAX.
MAX.
MAX.
MAX.
MAX.
SMAZ5919B
19B
5.32
5.6
5.88
66.9
1.0
5.0
700
200
3.0
268
SMAZ5920B
20B
5.89
6.2
6.51
60.5
1.0
2.0
700
200
4.0
242
SMAZ5921B
21B
6.46
6.8
7.14
55.1
1.0
2.5
400
200
5.2
221
SMAZ5923B
23B
7.79
8.2
8.61
45.7
0.5
5.0
700
10
6.5
183
SMAZ5924B
24B
8.64
9.1
9.56
41.2
0.5
5.0
700
10
7.0
165
SMAZ5925B
25B
9.5
10
10.5
37.5
0.25
5.0
700
10
8.0
150
SMAZ5926B
26B
10.5
11
11.6
34.1
0.25
5.5
550
5
8.4
136
SMAZ5927B
27B
11.4
12
12.6
31.2
0.25
6.5
550
1
9.1
125
SMAZ5928B
28B
12.4
13
13.7
28.8
0.25
7.0
550
1
9.9
115
SMAZ5929B
29B
14.3
15
15.8
25.0
0.25
9.0
600
1
11.4
100
SMAZ5930B
30B
15.2
16
16.8
23.4
0.25
10
600
1
12.2
94
SMAZ5931B
31B
17.1
18
18.9
20.8
0.25
12
650
1
13.7
83
SMAZ5932B
32B
19.0
20
21.0
18.7
0.25
14
650
1
15.2
75
SMAZ5933B
33B
20.9
22
23.1
17.0
0.25
17.5
650
1
16.7
68
SMAZ5934B
34B
22.8
24
25.2
15.6
0.25
19
700
1
18.2
62
SMAZ5935B
35B
25.7
27
28.4
13.9
0.25
23
700
1
20.6
56
SMAZ5936B
36B
28.5
30
31.5
12.5
0.25
28
750
1
22.8
50
SMAZ5937B
37B
31.4
33
34.7
11.4
0.25
33
800
1
25.1
45
SMAZ5938B
38B
34.2
36
37.8
10.4
0.25
38
850
1
27.4
42
SMAZ5939B
39B
37.1
39
41.0
9.6
0.25
45
900
1
29.7
38
SMAZ5940B
40B
40.9
43
45.2
8.7
0.25
53
950
1
32.7
35
SMAZ5941B
41B
44.65
47
49.35
8.0
0.25
67
1000
1
35.8
32
SMAZ5942B
42B
48.45
51
53.55
7.3
0.25
70
1100
1
38.8
29
SMAZ5943B
43B
53.2
56
58.8
6.7
0.25
86
1300
1
42.6
27
SMAZ5944B
44B
58.9
62
65.1
6.0
0.25
100
1500
1
47.1
24
SMAZ5945B
45B
64.6
68
71.4
5.5
0.25
120
1700
1
51.7
22


Similar Part No. - SMAZ5941B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAZ5941B VISHAY-SMAZ5941B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMAZ5941B VISHAY-SMAZ5941B Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
More results

Similar Description - SMAZ5941B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
PTV3.9B VISHAY-PTV3.9B Datasheet
90Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMBZ5919B VISHAY-SMBZ5919B Datasheet
110Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZG3788 VISHAY-SMZG3788 Datasheet
97Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Sep-07
SMZJ3800B-E3 VISHAY-SMZJ3800B-E3 Datasheet
107Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMZG3788 VISHAY-SMZG3788_08 Datasheet
99Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
SMZJ3788 VISHAY-SMZJ3788 Datasheet
104Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 22-Oct-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com