Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF92F-012A-2C31F Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF92F-012A-2C31F
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF92F-012A-2C31F Datasheet(HTML) 3 Page - Hongfa Technology

  HF92F-012A-2C31F Datasheet HTML 1Page - Hongfa Technology HF92F-012A-2C31F Datasheet HTML 2Page - Hongfa Technology HF92F-012A-2C31F Datasheet HTML 3Page - Hongfa Technology HF92F-012A-2C31F Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9 Usj_ /RE0
9=:
S_g[leA 80 Kh ][m_ i` hi nif_l[h]_ mbiqh ch ionfch_ ^cg_hmcihA ionfch_ ^cg_hmcih X8gg3 nif_l[h]_ mbiof^ \_ v759ggB ionfch_ ^cg_hmcih [8gg
[h^ X<gg3 nif_l[h]_ mbiof^ \_ v75:ggB ionfch_ ^cg_hmcih [<gg3 nif_l[h]_ mbiof^ \_ v75;gg5
90 Ub_ nif_l[h]_ qcnbion ch^c][ncha`il QED f[sion cm [fq[sm v758gg5
: Usj_ /RE0
QED M[sion
9;
=
?
7
8
/Dinnig pc_q0
9;
:
=
?
>
7
8
9 Hilg C
9 Hilg E
/Dinnig pc_q0
=?5= g[r
75?
885; 75<
2757;
47579
=5:< 757?
=5:< 757?
75?
2757;
47579
>5?
>57
::59
<@5> 759
<9 g[r
7
8
9:
;
=
>
?
75?
885; 75<
2757;
47579
;5>< 757?
=5:< 757?
75<
2757:
47579
=?5= g[r
>5?
>57
::59
<@5> 759
<9 g[r
7
8
9:
;
=
>
?
8 Usj_ /QED0
;@?87:3 2793:>7;:>{ B7=7:5 27/5=/9 /:2 <1 0;/=2 8/D;@?
VhcnA gg
Ponfch_ Fcg_hmcihm
XclchaFc[al[g
::59
>5?
>57
85?
<58<
<957 g[r
75?
;58 759
2757;
47579
859 757>
=5:< 757?
>5? 758:
>57 758:
::59 75<
7
8
9:
;
=
>
?


Similar Part No. - HF92F-012A-2C31F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF92F-012A-2C31F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com