Electronic Components Datasheet Search |
|
0201TF2N1 Datasheet(PDF) 2 Page - Frontier Electronics. |
|
0201TF2N1 Datasheet(HTML) 2 Page - Frontier Electronics. |
2 / 3 page 0201TF Series- SMD THIN FILM CERAMIC CHIP INDUCTORS Rev. A C. Part Number (Example): D. General information: 1. 0201TF-xxx_, “0201TF” = P/N, “xxx” = Inductance, “_” = Tolerance. 2. Tolerance “_”: J: ± 5%, H: ± 3%, G: ± 2%, F: ± 1%, B: ± 0.1nH, C: ± 0.2nH, S: ±0.3nH. 3. A Photo Lithographic Single Layer Ceramic Chip. 4. High SRF, Excellent Q, Superior Temperature Stability 5. Tight Tolerance of ± 1% or ± 0.1nH 6. Stable Inductance in High Frequency Circuit 7. Maximum Temperature Rise: 15°C (when measured at 25°C ambient). 8. Inductance & Q measured using the HP4286A and Agilent 16196B. 9. SRF measured using the HP8720D or HP8753E. 10. DCR measured using the 502BC. 11. Operating temperature: -40 °C to +125ºC. 12. Storage Temperature: 25ºC ± 3ºC; Humidity < 80%RH 13. Inductance Range: 0.10 nH (400 mA) ∼ 10.0 nH (80 mA), SRF from 9.0 GHz to 2.0 GHz. 14. MSL: Level 1. E. Applications: 1. Cellular-phone, Pagers and GPS Products. 2. VCO, TCXO Circuit and RF Transceiver Module. 3. Wireless LAN, Bluetooth Module, Communication Appliances Hybrid. F. Reel Specification: Series φA φB φC W T Quantity 0201TF 178±1 (7±0.040) 60±1.0 (0.236±0.040) 13.5±0.70 (0.531±0.028) 9.5±1.0 (0.374±0.040) 11.5±1.0 (0.453±0.040) 10,000 PCS G. Paper Tape Specification: Series A B W E F Po P1 P2 φDo T 0201TF 0.40±0.05 (0.016±0.002) 0.70±0.05 (0.028±0.002) 8.00±0.10 (0.315±0.004) 1.75±0.05 (0.069±0.002) 3.50±0.05 (0.138±0.002) 4.00±0.10 (0.158±0.004) 2.00±0.05 (0.079±0.002) 2.00±0.05 (0.079±0.002) 1.55±0.05 (0.061±0.002) 0.42±0.02 (0.017±0.0008) Tape & Reel Storage Temperature: 25ºC ± 3ºC, Humidity: < 80% RH. Frontier Electronics Corp. ® Page 2 of 3 667 E. Cochran St., Simi Valley, CA 93065 http://www.frontierusa.com Phone: 1-805-522-9998, Fax: 1-805-522-9989 |
Similar Part No. - 0201TF2N1 |
|
Similar Description - 0201TF2N1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |