Electronic Components Datasheet Search |
|
0805C-6N8 Datasheet(PDF) 2 Page - Frontier Electronics. |
|
0805C-6N8 Datasheet(HTML) 2 Page - Frontier Electronics. |
2 / 3 page 0805C Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS Rev. A B. Dimensions: mm (Inch) Series a b c d e f g h 0805C 2.29 (0.090) 1.73 (0.068) 1.52 (0.060) 0.51 (0.020) 1.02 (0.040) 0.76 (0.030) 1.02 (0.040) 1.78 (0.070) Tol. Max. Max. Max. Typ. Typ. Typ. Typ. Typ. C. General Information: i. P/N: 0805C-xxx_, “0805” = Size Type, “C” = Gold plated pads, “xxx” = Inductance. ii. Tolerance “_”: K: ± 10%, J: ± 5%, G: ± 2%. iii. Product material: Ceramic. iv. 0805C has first inductance color code only. v. Small and lightweight surface mounting type. vi. High Q at high frequency & High self-resonance frequency. vii. For 15ºC Temperature Rise at 25ºC ambient. viii. Inductance & Q measured with HP4291B Impedance Analyzer. ix. SRF measured using the HP8720D or HP8753E Network Analyzer. x. DCR measured using the 16502 milliohm meter. xi. Operating temperature: -40ºC to +125ºC. xii. This series has no color code due to the size is small. xiii. Inductance and Current Range: From 2.2 nH (600mA) to 820 nH (180 mA) xiv. SRF: From 188 MHz to 7900 MHz xv. MSL: Level 1. D. Applications: 1. Game Consoles 2. Set Top Boxes 3. Cables Modems 4. Computers 5. Mobile Communication Devices (Cell Phones, Radios, etc.) 6. RF Filters E. Characteristics Curve: Frontier Electronics Corp. ® Page 2 of 3 667 E. Cochran St., Simi Valley, CA 93065 http://www.frontierusa.com Phone: 1-805-522-9998, Fax: 1-805-522-9989 |
Similar Part No. - 0805C-6N8 |
|
Similar Description - 0805C-6N8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |