Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201TF3N2 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 0201TF3N2
Description  SMD THIN FILM CERAMIC CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0201TF3N2 Datasheet(HTML) 2 Page - Frontier Electronics.

  0201TF3N2 Datasheet HTML 1Page - Frontier Electronics. 0201TF3N2 Datasheet HTML 2Page - Frontier Electronics. 0201TF3N2 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0201TF Series- SMD THIN FILM CERAMIC CHIP INDUCTORS Rev. A
C.
Part Number (Example):
D.
General information:
1.
0201TF-xxx_, “0201TF” = P/N, “xxx” = Inductance, “_” = Tolerance.
2.
Tolerance “_”: J: ± 5%, H: ± 3%, G: ± 2%, F: ± 1%, B: ± 0.1nH, C: ± 0.2nH, S: ±0.3nH.
3.
A Photo Lithographic Single Layer Ceramic Chip.
4.
High SRF, Excellent Q, Superior Temperature Stability
5.
Tight Tolerance of ± 1% or ± 0.1nH
6.
Stable Inductance in High Frequency Circuit
7.
Maximum Temperature Rise: 15°C (when measured at 25°C ambient).
8.
Inductance & Q measured using the HP4286A and Agilent 16196B.
9.
SRF measured using the HP8720D or HP8753E.
10. DCR measured using the 502BC.
11. Operating temperature: -40
°C to +125ºC.
12. Storage Temperature: 25ºC ± 3ºC; Humidity < 80%RH
13. Inductance Range: 0.10 nH (400 mA)
∼ 10.0 nH (80 mA), SRF from 9.0 GHz to 2.0 GHz.
14. MSL: Level 1.
E.
Applications:
1.
Cellular-phone, Pagers and GPS Products.
2.
VCO, TCXO Circuit and RF Transceiver Module.
3.
Wireless LAN, Bluetooth Module, Communication Appliances Hybrid.
F.
Reel Specification:
Series
φA
φB
φC
W
T
Quantity
0201TF
178±1
(7±0.040)
60±1.0
(0.236±0.040)
13.5±0.70
(0.531±0.028)
9.5±1.0
(0.374±0.040)
11.5±1.0
(0.453±0.040)
10,000 PCS
G.
Paper Tape Specification:
Series
A
B
W
E
F
Po
P1
P2
φDo
T
0201TF
0.40±0.05
(0.016±0.002)
0.70±0.05
(0.028±0.002)
8.00±0.10
(0.315±0.004)
1.75±0.05
(0.069±0.002)
3.50±0.05
(0.138±0.002)
4.00±0.10
(0.158±0.004)
2.00±0.05
(0.079±0.002)
2.00±0.05
(0.079±0.002)
1.55±0.05
(0.061±0.002)
0.42±0.02
(0.017±0.0008)
Tape & Reel Storage Temperature: 25ºC ± 3ºC, Humidity: < 80% RH.
Frontier Electronics Corp.
®
Page 2 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 0201TF3N2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
0201 KEMET-0201 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
0201 PANASONIC-0201 Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
M/A-COM Technology Solu...
0201 MA-COM-0201 Datasheet
131Kb / 3P
   Type CRG Series
logo
Zibo Seno Electronic En...
02010BQ ZSELEC-02010BQ Datasheet
132Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
   622Mbps Transimpedance Amplifier with AGC
More results

Similar Description - 0201TF3N2

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0402TF FRONTIER-0402TF Datasheet
277Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TFN20 FRONTIER-0402TFN20_11 Datasheet
283Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TF FRONTIER-0402TF_15 Datasheet
291Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
logo
List of Unclassifed Man...
TFL ETC2-TFL Datasheet
499Kb / 8P
   SMD Thin Film Chip Inductors
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com