Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF92F-012D-2A22F Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF92F-012D-2A22F
Description  MINIATURE INTERMEDIATE POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF92F-012D-2A22F Datasheet(HTML) 2 Page - Hongfa Technology

  HF92F-012D-2A22F Datasheet HTML 1Page - Hongfa Technology HF92F-012D-2A22F Datasheet HTML 2Page - Hongfa Technology HF92F-012D-2A22F Datasheet HTML 3Page - Hongfa Technology HF92F-012D-2A22F Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9=9
1SQRNLHP QOHFJEK FNGH
80
/1 RTOH /[n <7Jt6=7Jt0
OP
:7C 9>>WCE
8JQ 897WCE
95<JQ 9;7WCE
887 MSC69<5: HMC 9;7WCE /FE nsj_0
OE
:C 9>>WCE
:C 9<7WCE
:7C 9<7WCE
97C 9<7WCE
OP
OE
8:9
99@
9=;
:7<
:NRHQ. 80 VM ]_lnc`c_^ fi[^m [l_ n_mn_^ [n ;7Y5 WFG ]_lnc`c_^ fi[^m [l_ n_mn_^ [n ?<Y /FE jli^o]nm0 il <7Y /CE jli^o]nm05
90 Phfs nsjc][f fi[^m [l_ fcmn_^ [\ip_5 Pnb_l fi[^ mj_]c`c][ncihm ][h \_ [p[cf[\f_ ojih l_ko_mn5
80
80
90
JH@9H
4789F
9
H
49E
1NJK 1NGH
9
1NMREFR LERHPJEK
}. CaThP9
~. CaE^P
?HPLJMERJNM
}. QED
~{ *. RE
1NMQRPSFRJNM
>. Qf[mnc] m_[f_^
4. Hfor jlii`_^
1NMREFR EPPEMIHLHMR
~/. 9 Hilg C
~1. 9 Hilg E
;=23=7:5 7:4;=9/?7;:
?TOH
/YYY0
1;78 2/?/
Oigch[f
Wifn[a_
WCE
Eicf
S_mcmn[h]_
Qc]e4oj Wifn[a_
WCE
g[r5
Flij4ion Wifn[a_
WCE
gch5
>/43?D /<<=;A/8 =/?7:5>
@8|1@8
[n 9:
VCaThP9W
A23
897
97?
9;7
9>>
@<7r/8 87-0
9?;8 r /8 87-0
:?77 r /8 87-0
<;?< r /8 87-0
<7Jt
??
8=7
8>=
977
<7Jt
99
;7
;;
<7
897C
97?C
9;7C
9>>C
Eicf
Ei^_
=7Jt
@=
8==5;
8@9
9985=
=7Jt
9;
;85=
;?
<<5;
CCC 2. FE nsj_/<3=38939;3;?3887WFE0
CCC /+. CE nsj_ <7Jt/9;3897397?399739;739>>WCE0
CCC /,. CE nsj_ =7Jt/9;3897397?399739;739>>WCE0
CCC /. CE nsj_ <7Jt6=7Jt/897397?39;739>>WCE0
N[r5
Wifn[a_
WFE 1
:NRHQ. 1 N[rcgog pifn[a_ l_`_lm ni nb_ g[rcgog pifn[a_ qbc]b l_f[s ]icf ]iof^ _h^ol_ ch [ mbiln j_lci^ i` ncg_5
:NRHQ. 80 Hil RE n_lgch[fm3 hi mif^_lchail q[mbchacm [ffiq_^5 Hil QED n_lgch[fm3 jf_[m_ l_`_l ni om `il mif^_lcha]ih^cncih [h^ j[ln mj_]c`c][ncih
`il h_]_mm[ls q[mbchail mol`[]_ jli]_mmcha[`n_l cn cm mif^_l_^ ni QED5
90 X_ l_]igg_h^ ^omn jlin_]n_^ nsj_m `il [ ]f_[h _hpclihg_hn /`l__ `lig ]ihn[gch[ncihm fce_ J9T3 TP93OP93 ^omn3 _n]505
X_ moaa_mn ni ]biim_
jf[mnc] m_[f_^ nsj_m [h^ p[fc^[n_ cn ch l_[f [jjfc][ncih `il [h oh]f_[h _hpclihg_hn /qcnb ]ihn[gch[ncihm
fce_ J9T3 TP93OP93 ^omn3 _n]505


Similar Part No. - HF92F-012D-2A22F

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF92F-012D-2A22F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JZX-140FF ETC-JZX-140FF Datasheet
86Kb / 2P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF140FF HONGFA-HF140FF_15 Datasheet
68Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF18FF HONGFA-HF18FF Datasheet
409Kb / 10P
   MINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
HF420 ETC1-HF420 Datasheet
123Kb / 5P
   MINIATURE INTERMEDIATE POWER RELAY
JZX-18FF ETC-JZX-18FF Datasheet
121Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF18FA HONGFA-HF18FA Datasheet
71Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
77Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
HF92F HONGFA-HF92F Datasheet
70Kb / 4P
   MINIATURE INTERMEDIATE POWER RELAY
HF140FFI HONGFA-HF140FFI Datasheet
138Kb / 7P
   MINIATURE INTERMEDIATE POWER RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK13F EVER-WAY-HK13F Datasheet
427Kb / 3P
   MINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com