Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1210C27N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1210C27N
Description  SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1210C27N Datasheet(HTML) 1 Page - Frontier Electronics.

  1210C27N Datasheet HTML 1Page - Frontier Electronics. 1210C27N Datasheet HTML 2Page - Frontier Electronics. 1210C27N Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1210C Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Rev. A
A. Electrical Specifications:
P/N
L
(nH)
L Test Freq.
(MHz)
Tol.
Q Min.
Q Test Freq.
(MHz)
SRF Min.
(MHz)
DCR Max.
(
Ω)
I rms.
Max.(mA)
1
st Color
2
nd
Color
3
rd
Color
1210C-4N7_
4.7
100
K, J
50
1000
6000
0.06
600
Yellow
Violet
Black
1210C-5N6_
5.6
100
K, J
50
1000
5500
0.08
600
Green
Blue
Black
1210C-10N_
10
100
K, J, G
60
500
4000
0.06
600
Brown
Black
Brown
1210C-12N_
12
100
K, J, G
60
500
3400
0.06
600
Brown
Red
Brown
1210C-15N_
15
100
K, J, G
60
500
3200
0.06
600
Brown
Green
Brown
1210C-18N_
18
100
K, J, G
60
300
2800
0.06
600
Brown
Gray
Brown
1210C-22N_
22
100
K, J, G
60
300
2300
0.08
600
Red
Red
Brown
1210C-27N_
27
100
K, J, G
60
300
2000
0.08
600
Red
Violet
Brown
1210C-33N_
33
100
K, J, G
60
300
1800
0.08
600
Orange
Orange
Brown
1210C-39N_
39
100
K, J, G
60
300
1800
0.08
600
Orange
White
Brown
1210C-47N_
47
100
K, J, G
60
300
1600
0.08
600
Yellow
Violet
Brown
1210C-56N_
56
100
K, J, G
60
300
1500
0.10
600
Green
Blue
Brown
1210C-68N_
68
100
K, J, G
60
300
1300
0.10
600
Blue
Gray
Brown
1210C-82N_
82
100
K, J, G
60
300
1200
0.10
600
Gray
Red
Brown
1210C-91N_
91
100
K, J, G
60
300
1100
0.10
1000
White
Brown
Brown
1210C-R10_
100
100
K, J, G
60
300
1100
0.10
500
Brown
Black
Red
1210C-R12_
120
50
K, J, G
60
300
900
0.12
500
Brown
Red
Red
1210C-R15_
150
50
K, J, G
60
300
800
0.18
500
Brown
Green
Red
1210C-R18_
180
50
K, J, G
60
300
760
0.21
500
Brown
Gray
Red
1210C-R22_
220
50
K, J, G
60
300
760
0.27
500
Red
Red
Red
1210C-R27_
270
50
K, J, G
50
300
660
0.33
500
Red
Violet
Red
1210C-R33_
330
50
K, J, G
50
100
650
0.37
500
Orange
Orange
Red
1210C-R36_
360
50
K, J, G
50
100
500
0.63
600
Orange
Blue
Red
1210C-R39_
390
50
K, J, G
50
100
600
0.63
500
Orange
White
Red
1210C-R47_
470
50
K, J, G
50
100
550
0.69
400
Yellow
Violet
Red
1210C-R56_
560
50
K, J, G
50
100
470
0.90
400
Green
Blue
Red
1210C-R68_
680
25
K, J, G
50
100
450
1.05
400
Blue
Gray
Red
1210C-R82_
820
25
K, J, G
50
100
400
1.45
350
Gray
Red
Red
1210C-1R0_
1000
25
K, J, G
45
100
340
2.10
280
Brown
Black
Orange
1210C-1R2_
1200
7.96
K, J, G
45
50
320
2.40
250
Brown
Red
Orange
1210C-1R5_
1500
7.96
K, J, G
45
50
300
2.70
220
Brown
Green
Orange
1210C-1R8_
1800
7.96
K, J, G
45
50
280
3.50
180
Brown
Gray
Orange
1210C-2R2_
2200
7.96
K, J, G
45
50
260
3.80
150
Red
Red
Orange
1210C-3R3_
3300
7.96
K, J, G
25
25
140
10
50
Orange
Orange
Orange
B. Dimensions: mm (Inch)
Series
a
b
c
f
g
h
1210C
3.42
(0.135)
2.8
(0.110)
2.3
(0.091)
2.3
(0.091)
1.02
(0.040)
2.2
(0.087)
Tol.
Max.
Max.
Max.
Typ.
Typ.
Typ.
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 1210C27N

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
1210C271JA11A AVX-1210C271JA11A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210C271JA13A AVX-1210C271JA13A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210C271JA19A AVX-1210C271JA19A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210C271JAT1A AVX-1210C271JAT1A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
1210C271JAT3A AVX-1210C271JAT3A Datasheet
98Kb / 2P
   High Voltage MLC Chips For 600V to 5000V Applications
More results

Similar Description - 1210C27N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603CP FRONTIER-0603CP Datasheet
242Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP FRONTIER-1008CP Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0402CP-1N0J FRONTIER-0402CP-1N0J Datasheet
197Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008CP-10NJ FRONTIER-1008CP-10NJ Datasheet
229Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
0603HQ FRONTIER-0603HQ Datasheet
604Kb / 4P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
1008HQ FRONTIER-1008HQ Datasheet
497Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
logo
WALSIN TECHNOLOGY CORPO...
WLCW2520HQ WALSIN-WLCW2520HQ Datasheet
256Kb / 6P
   SMD Wire Wound Ceramic Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com