Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201TF5N6 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 0201TF5N6
Description  SMD THIN FILM CERAMIC CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

0201TF5N6 Datasheet(HTML) 1 Page - Frontier Electronics.

  0201TF5N6 Datasheet HTML 1Page - Frontier Electronics. 0201TF5N6 Datasheet HTML 2Page - Frontier Electronics. 0201TF5N6 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
0201TF Series- SMD THIN FILM CERAMIC CHIP INDUCTORS Rev. A
A.
Electrical Specifications:
Part No.
L
(nH)
Tolerance
Q
Min.
SRF Min.
(GHz)
DCR Max.
(
Ω)
I DC Max.
(mA)
0201TF-N10_
0.1
B, C, S
8/500MHz
9
0.20
400
0201TF-N20_
0.2
B, C, S
8/500MHz
9
0.20
400
0201TF-N30_
0.3
B, C, S
8/500MHz
9
0.20
400
0201TF-N40_
0.4
B, C, S
8/500MHz
9
0.25
350
0201TF-N50_
0.5
B, C, S
8/500MHz
9
0.25
350
0201TF-N60_
0.6
B, C, S
8/500MHz
9
0.25
350
0201TF-N70_
0.7
B, C, S
8/500MHz
9
0.30
300
0201TF-N80_
0.8
B, C, S
8/500MHz
9
0.30
300
0201TF-N90_
0.9
B, C, S
8/500MHz
9
0.30
300
0201TF-1N0_
1.0
B, C, S
8/500MHz
9
0.30
300
0201TF-1N1_
1.1
B, C, S
8/500MHz
9
0.35
300
0201TF-1N2_
1.2
B, C, S
8/500MHz
9
0.35
300
0201TF-1N3_
1.3
B, C, S
8/500MHz
9
0.45
250
0201TF-1N4_
1.4
B, C, S
8/500MHz
9
0.45
250
0201TF-1N5_
1.5
B, C, S
8/500MHz
9
0.45
250
0201TF-1N6_
1.6
B, C, S
8/500MHz
9
0.55
200
0201TF-1N7_
1.7
B, C, S
8/500MHz
9
0.55
200
0201TF-1N8_
1.8
B, C, S
8/500MHz
9
0.55
200
0201TF-1N9_
1.9
B, C, S
8/500MHz
9
0.55
200
0201TF-2N0_
2.0
B, C, S
8/500MHz
8
0.70
200
0201TF-2N1_
2.1
B, C, S
8/500MHz
8
0.70
200
0201TF-2N2_
2.2
B, C, S
8/500MHz
8
0.70
200
0201TF-2N3_
2.3
B, C, S
8/500MHz
8
0.80
150
0201TF-2N4_
2.4
B, C, S
8/500MHz
8
0.80
150
0201TF-2N5_
2.5
B, C, S
8/500MHz
8
0.80
150
0201TF-2N6_
2.6
B, C, S
8/500MHz
8
0.80
150
0201TF-2N7_
2.7
B, C, S
8/500MHz
8
0.80
150
0201TF-2N8_
2.8
B, C, S
8/500MHz
6
1.00
150
0201TF-2N9_
2.9
B, C, S
8/500MHz
6
1.00
150
0201TF-3N0_
3.0
B, C, S
8/500MHz
6
1.00
150
0201TF-3N1_
3.1
B, C, S
8/500MHz
6
1.00
150
0201TF-3N2_
3.2
B, C, S
8/500MHz
6
1.00
150
0201TF-3N3_
3.3
B, C, S
8/500MHz
6
1.00
150
0201TF-3N4_
3.4
B, C, S
8/500MHz
6
1.20
150
0201TF-3N5_
3.5
B, C, S
8/500MHz
6
1.20
150
0201TF-3N6_
3.6
B, C, S
8/500MHz
6
1.20
150
0201TF-3N7_
3.7
B, C, S
8/500MHz
6
1.20
150
0201TF-3N8_
3.8
B, C, S
8/500MHz
6
1.20
150
0201TF-3N9_
3.9
B, C, S
8/500MHz
6
1.20
150
0201TF-4N0_
4.0
B, C, S
8/500MHz
6
1.20
150
0201TF-4N4_
4.4
B, C, S
8/500MHz
6
1.30
140
0201TF-4N7_
4.7
B, C, S
8/500MHz
6
1.40
130
0201TF-4N9_
4.9
B, C, S
8/500MHz
6
1.60
130
0201TF-5N6_
5.6
G, J
8/500MHz
4
1.80
130
0201TF-6N1_
6.1
G, J
8/500MHz
4
2.00
120
0201TF-6N8_
6.8
G, J
8/500MHz
4
2.30
110
0201TF-7N4_
7.4
G, J
8/500MHz
4
2.80
110
0201TF-8N2_
8.2
G, J
8/500MHz
3
3.00
110
0201TF-9N1_
9.1
G, J
8/500MHz
3
3.25
100
0201TF-9N2_
9.2
G, J
8/500MHz
3
3.25
100
0201TF-10N_
10.0
G, J
8/500MHz
2
3.50
80
B.
Dimensions and Recommend Land Pattern: (mm/Inch)
Series
A
B
C
D
a
b
c
0201TF
0.60±0.05
(0.024±0.002)
0.30±0.05
(0.012±0.002)
0.23±0.05
(0.009±0.002)
0.15±0.05
(0.006±0.002)
0.30
(0.0118)
0.25
(0.010)
0.30±0.20
(0.0118±0.008)
Recommend Land Pattern
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 0201TF5N6

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
0201 KEMET-0201 Datasheet
5Mb / 66P
   Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
0201 PANASONIC-0201 Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
M/A-COM Technology Solu...
0201 MA-COM-0201 Datasheet
131Kb / 3P
   Type CRG Series
logo
Zibo Seno Electronic En...
02010BQ ZSELEC-02010BQ Datasheet
132Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
M/A-COM Technology Solu...
02011-BRF-001-A MA-COM-02011-BRF-001-A Datasheet
115Kb / 2P
   622Mbps Transimpedance Amplifier with AGC
More results

Similar Description - 0201TF5N6

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
0402TF FRONTIER-0402TF Datasheet
277Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TFN20 FRONTIER-0402TFN20_11 Datasheet
283Kb / 7P
   SMD Thin Film (Ceramic) Chip Inductors
0402TF FRONTIER-0402TF_15 Datasheet
291Kb / 3P
   SMD THIN FILM CERAMIC CHIP INDUCTORS
logo
List of Unclassifed Man...
TFL ETC2-TFL Datasheet
499Kb / 8P
   SMD Thin Film Chip Inductors
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com