Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1812SDF101 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1812SDF101
Description  SMD SQUARE DRUM INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1812SDF101 Datasheet(HTML) 1 Page - Frontier Electronics.

  1812SDF101 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1812SDF Series – SMD SQUARE DRUM INDUCTORS
Rev. A
A. Electrical Specifications:
Part No.
Mark
L
(uH)
Tolerance
Test Freq.
SRF TYP.
(MHz)
DCR Max.
(
Ω)
IDC Max.
(A)
1812SDF-1R0_
1R0
1.00
M
1.0 KHz
100
0.08
1.080
1812SDF-1R5_
1R5
1.50
M
1.0 KHz
85.0
0.09
1.000
1812SDF-2R2_
2R2
2.20
M
1.0 KHz
60.0
0.11
0.900
1812SDF-3R3_
3R3
3.30
M
1.0 KHz
47.0
0.13
0.800
1812SDF-4R7_
4R7
4.70
M, K
1.0 KHz
35.0
0.15
0.750
1812SDF-6R8_
6R8
6.80
M, K
1.0 KHz
30.0
0.20
0.720
1812SDF-100_
100
10.0
K, J
1.0 KHz
23.0
0.24
0.650
1812SDF-150_
150
15.0
K, J
1.0 KHz
20.0
0.32
0.570
1812SDF-220_
220
22.0
K, J
1.0 KHz
15.0
0.60
0.420
1812SDF-330_
330
33.0
K, J
1.0 KHz
12.0
1.00
0.310
1812SDF-470_
470
47.0
K, J
1.0 KHz
10.0
1.10
0.280
1812SDF-680_
680
68.0
K, J
1.0 KHz
8.4
1.07
0.220
1812SDF-101_
101
100
K, J
1.0 KHz
6.8
2.20
0.190
1812SDF-151_
151
150
K, J
1.0 KHz
5.5
3.50
0.130
1812SDF-221_
221
220
K, J
1.0 KHz
4.5
4.00
0.110
1812SDF-331_
331
330
K, J
1.0 KHz
3.6
6.80
0.100
1812SDF-471_
471
470
K, J
1.0 KHz
3.0
8.50
0.090
B. Dimensions: mm (Inch)
SERIES
A
B
C
D
E
F
Type
1812SDF
4.5
(0.177)
3.2
(0.126)
2.6
(0.102)
1.0
(0.039)
1.0
(0.039)
4.0
(0.157)
2
Tol
± 0.30
(0.012)
± 0.30
(0.012)
± 0.30
(0.012)
Min.
Min.
Ref.
Type 2
B. General Information:
1.
P/N: 1812SDF-xxx_: “1812SDF” = Type, “xxx” = Inductance, “_” = Tolerance.
2.
Tolerance “_” : J = ± 5%, K = ± 10%, M = ± 20%.
3.
Operating temperature: -25ºC to +85ºC.
4.
Electrical specifications at +25ºC.
5.
Inductance measured on the HP4284A LCR meter
6.
DCR measured on the 502BC milli-ohm meter.
7.
I DC: Inductance drops no more than 10% at rated current or the
∆t ≤ 40ºC.
8.
Temperature rise Δ t < 40ºC (Typical) at rated current and room temperature 20ºC.
9.
Inductance and Current Range: From 1.0 uH (1080 mA) to 470 uH (90 mA)
10.
SRF: From 3.0 MHz to 100 MHz
11.
Tape and reel packing.
12.
Suitable for IR re-flows soldering.
13.
MSL: Level 1.
C. Applications:
1.
Power supply line chokes.
2.
DC-DC Converters.
3.
Notebooks.
4.
Filters.
5.
Telecommunication devices.
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 1812SDF101

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1812SDF FRONTIER-1812SDF Datasheet
97Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1812SDF-100 FRONTIER-1812SDF-100 Datasheet
97Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1812SDF-100J-LFR FRONTIER-1812SDF-100J-LFR Datasheet
102Kb / 1P
   SMD Square Drum Inductors
1812SDF-100K-LFR FRONTIER-1812SDF-100K-LFR Datasheet
102Kb / 1P
   SMD Square Drum Inductors
1812SDF-100M-LFR FRONTIER-1812SDF-100M-LFR Datasheet
102Kb / 1P
   SMD Square Drum Inductors
More results

Similar Description - 1812SDF101

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1812SDF-1R0J-LFR FRONTIER-1812SDF-1R0J-LFR Datasheet
102Kb / 1P
   SMD Square Drum Inductors
1206SDFC FRONTIER-1206SDFC Datasheet
139Kb / 2P
   SMD SQUARE DRUM INDUCTORS
1210SDF FRONTIER-1210SDF_15 Datasheet
118Kb / 1P
   SMD SQUARE DRUM FERRITE-CORE INDUCTORS
1210SDF-1R0 FRONTIER-1210SDF-1R0 Datasheet
103Kb / 1P
   SMD Square Drum Ferrite-core Inductors
2220SDF FRONTIER-2220SDF_15 Datasheet
128Kb / 1P
   SMD SQUARE DRUM FERRITE-CORE INDUCTORS
1210SDF FRONTIER-1210SDF Datasheet
97Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1812SDF FRONTIER-1812SDF Datasheet
97Kb / 1P
   SMD Square Drum Ferrite-core Inductors
2220SDF-R12 FRONTIER-2220SDF-R12 Datasheet
103Kb / 1P
   SMD Square Drum Ferrite-core Inductors
1206SDF FRONTIER-1206SDF Datasheet
96Kb / 1P
   SMD Square Drum Ferrite-core Inductors
2220SDF FRONTIER-2220SDF Datasheet
97Kb / 1P
   SMD Square Drum Ferrite-core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com