Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206561K Datasheet(PDF) 1 Page - Frontier Electronics.

Part # 1206561K
Description  RF COATED CHOKES (AXIAL LEADS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1206561K Datasheet(HTML) 1 Page - Frontier Electronics.

  1206561K Datasheet HTML 1Page - Frontier Electronics. 1206561K Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1206 Series –RF COATED CHOKES (AXIAL LEADS) Rev. A
A. Electrical Specifications:
Part Number
Inductance(µH)
Q Min.
Test Freq.
(MHz)
SRF Min.
(MHz)
DCR (OHM)
Max.
Rated Current (mA)
Max.
1206R10M
0.10
45
25
300
0.10
1400
1206R12M
0.12
45
25
300
0.10
1400
1206R15M
0.15
45
25
300
0.10
1400
1206R18M
0.18
45
25
300
0.10
1400
1206R22M
0.22
45
25
300
0.10
1400
1206R27M
0.27
45
25
270
0.11
1320
1206R33M
0.33
45
25
250
0.12
1280
1206R39M
0.39
45
25
230
0.13
1200
1206R47M
0.47
45
25
220
0.14
1150
1206R56M
0.56
45
25
200
0.15
1100
1206R68M
0.68
45
25
190
0.16
1030
1206R82M
0.82
45
25
172
0.17
980
12061R0K
1.0
45
25
157
0.19
920
12061R2K
1.2
50
7.9
144
0.21
880
12061R5K
1.5
50
7.9
131
0.23
830
12061R8K
1.8
50
7.9
121
0.25
790
12062R2K
2.2
50
7.9
110
0.28
750
12062R7K
2.7
60
7.9
100
0.30
720
12063R3K
3.3
65
7.9
94
0.34
670
12063R9K
3.9
65
7.9
65
0.37
640
12064R7K
4.7
70
7.9
56
0.39
620
12065R6K
5.6
70
7.9
48
0.43
590
12066R8K
6.8
75
7.9
37
0.48
550
12068R2K
8.2
80
7.9
25
0.52
530
1206100K
10
65
7.9
21
0.58
500
1206120K
12
50
2.5
19
0.63
480
1206150K
15
50
2.5
17
0.72
460
1206180K
18
50
2.5
13
0.77
430
1206220K
22
50
2.5
9.6
0.84
410
1206270K
27
50
2.5
7.2
0.94
390
1206330K
33
50
2.5
6.3
1.03
370
1206390K
39
50
2.5
6.3
1.12
350
1206470K
47
45
2.5
6.3
1.22
340
1206560K
56
40
2.5
6.2
1.34
320
1206680K
68
40
2.5
5.7
1.47
305
1206820K
82
35
2.5
5.3
1.62
290
1206101K
100
30
2.5
4.8
1.80
275
1206121K
120
55
0.79
3.8
3.7
185
1206151K
150
45
0.79
3.5
4.2
175
1206181K
180
50
0.79
3.3
4.6
165
1206221K
220
55
0.79
3.0
5.1
155
1206271K
270
65
0.79
2.8
5.8
145
1206331K
330
65
0.79
2.6
6.4
137
1206391K
390
65
0.79
2.4
7.0
133
1206471K
470
60
0.79
2.25
7.7
126
1206561K
560
60
0.79
2.10
8.5
120
1206681K
680
55
0.79
1.95
9.4
113
1206821K
820
55
0.79
1.85
10.5
105
1206102K
1000
50
0.79
1.40
14.0
100
Note: 1. Inductance (Current) ranges: 0.10uH (1.4A) - 1000uH (100mA)
2. DCR: from 0.10 - 14.0 Ohms.
3. Body Size: 10.41 x 4.44 mm
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - 1206561K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1206561K FRONTIER-1206561K Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206561K-LFR FRONTIER-1206561K-LFR Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
More results

Similar Description - 1206561K

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1201 FRONTIER-1201 Datasheet
144Kb / 2P
   RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205 Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1206 FRONTIER-1206 Datasheet
124Kb / 2P
   RF Coated Chokes (Axial Leads)
1202 FRONTIER-1202 Datasheet
125Kb / 2P
   RF Coated Chokes (Axial Leads)
1211 FRONTIER-1211 Datasheet
130Kb / 2P
   RF Coated Chokes (Axial Leads)
1205 FRONTIER-1205_15 Datasheet
126Kb / 2P
   RF COATED CHOKES (AXIAL LEADS)
1210 FRONTIER-1210 Datasheet
133Kb / 2P
   RF Coated Chokes (Axial Leads)
11407 FRONTIER-11407 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
114073R9_-LFR FRONTIER-114073R9_-LFR Datasheet
46Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
11411 FRONTIER-11411 Datasheet
113Kb / 2P
   High Current RF Varnished Chokes (Axial Leads)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com