Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

14FF-2Z-C4 Datasheet(PDF) 1 Page - Hongfa Technology

Part # 14FF-2Z-C4
Description  RELAY SOCKETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

14FF-2Z-C4 Datasheet(HTML) 1 Page - Hongfa Technology

  14FF-2Z-C4 Datasheet HTML 1Page - Hongfa Technology 14FF-2Z-C4 Datasheet HTML 2Page - Hongfa Technology 14FF-2Z-C4 Datasheet HTML 3Page - Hongfa Technology 14FF-2Z-C4 Datasheet HTML 4Page - Hongfa Technology 14FF-2Z-C4 Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ead] Lg2> D6977;4
596
3HDTURHS
Ca]d][lja[ Qlj]f_l`
eaf2
GMLFE@ PDJ@W
HQM=4450 HQM3RQ5:=8= 0 HQM584450 MGQ@Q5<4450 HDBO OB 4<4444 BDPRHEHDC
6458 P]n2 5244
.~- NBA l]jeafYd0NBA gj Q[j]o egmflaf_
~C-5 Egje B
*C- 6 Egje B
~,33- P]Ydq,k Yhhda[YZd] lqh]0Q]] lYZd] Z]dgo
NBA l]jeafYd0
NBA gj Q[j]o egmflaf_
@hhda[YZd] ^gj GE58EE3585EE0
GE559E3559E1@ 5 lqh]
~,}33- @hhda[YZd] GE58EU3584EE P]Ydq
05.=.0?2=6>?60>
58EE15X1@5
58EE15X1B6
58EE15X1B7
58EE16X1@5
58EE16X1B6
58EE16X1B7
58EE16X1B8
584EE16X1B7
9444T@B
9444T@B
9444T@B
9444T@B
9444T@B
9444T@B
9444T@B
9444T@B
694T@B
694T@B
694T@B
694T@B
694T@B
694T@B
694T@B
694T@B
54@
54@
54@
54@
54@
54@
54@
54@
184
lg ;4
184
lg ;4
184
lg ;4
184
lg ;4
184
lg ;4
184
lg ;4
184
lg ;4
184
lg ;4
111
42:LYe
42:LYe
111
42:LYe
42:LYe
42:LYe
42:LYe
111
;ee
;ee
111
;ee
;ee
;ee
;ee
[ R`] \a]d][lja[ klj]f_l` [Yf j]Y[` 9444T@B-H3M.
Yf\ l`] afkmdYlagf j]kaklYf[] ak 5444 K
[ R`j]] egmflaf_ lqh]k Yj] YnYadYZd]> NBA0 k[j]o
egmflaf_ Yf\ CHL jYad egmflaf_2
[ Ual` ^af_]j hjgl][lagf \]na[]
[ KYfq caf\k g^ hdm_1af eg\md]k Yj] YnYadYZd]
oal` l`] ^mf[lagf g^ ]f]j_araf_ af\a[Ylagf Yf\
oajaf_ hjgl][lagf
[ @hhda[YZd] j]dYq lqh]k> GE559E3559E1@3559EN0
GE58EE358EU3584EE3585EE
[ Dfnajgfe]flYd ^ja]f\dq hjg\m[l -PgGQ [gehdaYfl.
~,33 >PFLHTS
=28.B >;072?>
Rqh]
Q[j]o Rgjim]
LgeafYd
TgdlY_]
LgeafYd
Bmjj]fl
;=12=6:46:43;=9.?6;:
58EE
|5X
0POTDFT DRRDOIHNHOT
?WQH
?HRNKODTKPOxNPUOTKOI
|B6
0*{0+- Q[j]o l]jeafYd0CHL jYad gj Q[j]o egmflaf_0Ual` ^af_]j hjgl][lagf \]na[]
0,- Q[j]od]kk l]jeafYd0CHL jYad egmflaf_0Ual` ^af_]j hjgl][lagf \]na[]
@eZa]fld
R]eh]jYlmj]
Uaj] Qljah
J]f_l`
KYp oaj] kar]
ee6
@UF
111
5p836 p629
5p836 p629
111
5 p8 3 6 p629
5 p8 3 6 p629
5 p8 3 6 p629
5 p8 3 6 p629
111
5 p56 3 6 p58
5 p56 3 6 p58
111
5 p56 3 6 p58
5 p56 3 6 p58
5 p56 3 6 p58
5 p56 3 6 p58
;@?86:2 1692:>6;:>{ A6=6:416.4=.9 .:1 <0 /;.=1 8.B;@?
/
e]lYdda[ j]lYaf]j 58EE1G5
58EE1G6
58EE15X1@5
Qg[c]l
Uajaf_ CaY_jYe
3 NBA JYqgml
Mmldaf] Cae]fkagfk
@[[]kkgjq @nYadYZd]
-Rgh Ta]o.
-Rgh Ta]o.
Sfal> ee
;29
57
=29
572;
;29


Similar Part No. - 14FF-2Z-C4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
14FF-2Z-C4 HONGFA-14FF-2Z-C4 Datasheet
37Kb / 1P
   RELAY SOCKET
14FF-2Z-C4-1 HONGFA-14FF-2Z-C4-1 Datasheet
37Kb / 1P
   RELAY SOCKET
14FF-2Z-C4-2 HONGFA-14FF-2Z-C4-2 Datasheet
37Kb / 1P
   RELAY SOCKET
14FF-2Z-C4-3 HONGFA-14FF-2Z-C4-3 Datasheet
37Kb / 1P
   RELAY SOCKET
More results

Similar Description - 14FF-2Z-C4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
41F HONGFA-41F Datasheet
125Kb / 3P
   RELAY SOCKETS
49F HONGFA-49F_15 Datasheet
48Kb / 1P
   RELAY SOCKETS
41FSOCKETS HONGFA-41FSOCKETS Datasheet
125Kb / 3P
    RELAY SOCKETS
10FFSOCKETS HONGFA-10FFSOCKETS Datasheet
150Kb / 4P
   RELAY SOCKETS
13F HONGFA-13F Datasheet
102Kb / 2P
   RELAY SOCKETS
118F HONGFA-118F Datasheet
56Kb / 2P
   RELAY SOCKETS
118FSOCKETS HONGFA-118FSOCKETS Datasheet
56Kb / 2P
   RELAY SOCKETS
18FFSOCKETS HONGFA-18FFSOCKETS Datasheet
366Kb / 7P
   RELAY SOCKETS
logo
Littelfuse
99025 LITTELFUSE-99025 Datasheet
173Kb / 1P
   RELAY SOCKETS
092016
logo
Hongfa Technology
14FFSOCKETS HONGFA-14FFSOCKETS Datasheet
140Kb / 5P
   RELAY SOCKETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com