Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF115F0051DS2ANIL Datasheet(PDF) 4 Page - Hongfa Technology

Part # HF115F0051DS2ANIL
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF115F0051DS2ANIL Datasheet(HTML) 4 Page - Hongfa Technology

  HF115F0051DS2ANIL Datasheet HTML 1Page - Hongfa Technology HF115F0051DS2ANIL Datasheet HTML 2Page - Hongfa Technology HF115F0051DS2ANIL Datasheet HTML 3Page - Hongfa Technology HF115F0051DS2ANIL Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8<8
Geo_h]eian
Vda ola_ebe_]pekj eo bkn nabanaj_a kjhu5 Uaa pk ,Vaniejkhkcu ]j` Jqe`ahejao, bkn ikna ejbkni]pekj5 Ula_ebe_]pekjo oq^fa_p pk _d]jca sepdkqp jkpe_a5
Ya _kqh` jkp ar]hq]pa ]hh pda lanbkni]j_a ]j` ]hh pda l]n]iapano bkn aranu lkooe^ha ]llhe_]pekj5 Vdqo pda qoan odkqh` ^a ej ] necdp lkoepekj pk
_dkkoa pda oqep]^ha lnk`q_p bkn pdaen ksj ]llhe_]pekj5 Lb pdana eo ]ju mqanu3 lha]oa _kjp]_p Kkjcb] bkn pda pa_dje_]h oanre_a5 Kksaran3 ep eo pda qoan|o
naolkjoe^ehepu pk `apanieja sde_d lnk`q_p odkqh` ^a qoa` kjhu5
w Ze]iaj Kkjcb] Hha_pnk]_kqope_ Fk53 Np`5 Dhh necdpo kb Kkjcb] ]na naoanra`5
95?
8
75;
7
859
75?
95=
957
85=
95;
87
877
D
E
8777
:59
:5=
;57
F
ODZLOWO UYLVFKLPJ RQYHT
HPGWTDPFH FWTXH
FQLN QRHTDVLPJ TDPJH /GF0 1
Fkjp]_p Xkhp]ca /X0
Ena]gejc F]l]_epu /gXD0
Di^eajp Vailan]pqna /
0
Tai]ngA 80 Lj _]oa kb jk pkhan]j_a odksj ej kqpheja `eiajoekjA kqpheja `eiajoekj ,8ii3 pkhan]j_a odkqh` ^a y759iiB kqpheja `eiajoekj /8ii
]j` ,<ii3 pkhan]j_a odkqh` ^a y75:iiB kqpheja `eiajoekj /<ii3 pkhan]j_a odkqh` ^a y75;ii5
90 Vda pkhan]j_a sepdkqp ej`e_]pejc bkn RFE h]ukqp eo ]hs]uo y758ii5
:0 Vda se`pd kb pda cne``ejc eo 95<9ii5
/Ekppki reas0
857
75=
7
297
2;7
2877
2?7
2=7
959
85?
85;
95=
:57
:5;
:5=
7 D
8= D
? D
2?<
Ta_kiiaj`a`
rkhp]ca
IU[Q_Y:
85 Fqnra DA 9K;E pula
Fqnra EA 8K8E pula/kn 8K9E pula0
Fqnra FA 8K:E pula
95 Vaop _kj`epekjoA
PQ3 Taoeopera hk]`3 9<7XDF3
Ihqt lnkkba`3 Tkki pail53 8o kj @o kbb5
=B;I;=K?ICJKC= =LIM?J
GLKDCF? >CE?FJCGFJ3 NCICFA >C;AI;E ;F> H= <G;I> D;OGLK
WjepA ii
F]aU`: 2
Vda qoa kb ] nah]u sepd ]j ajanceoejc rkhp]ca
kpdan pd]j pda n]pa` _keh rkhp]ca i]u ha]` pk
na`q_a` aha_pne_]h heba5
Dj ajanceoejc rkhp]ca kran pda ]^ran n]jca
i]u `]i]ca pda ejoqh]pekj kb nah]u _keh5
RFE N]ukqp
:5<ii 8Rkha 89D
<ii 8Rkha 8=D
<ii 8Rkha 89D
<ii 9Rkha ?D
<4 85:
9758=
95=
<57;
<57;
>5<=
<4 85:
9758=
95=
:5<
:5<
>5<=
?4 85:
9758=
95=
<57;
<57;
>5<=
?4 85:
9758=
95=
<57;
<57;
>5<=
758
87
<7
877
977
<77
GF
75<
8
87
<
<7
DF
97
:7 ;7
:77 ;77


Similar Part No. - HF115F0051DS2ANIL

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF115F HONGFA-HF115F Datasheet
77Kb / 4P
   MINIATURE HIGH POWER RELAY
HF115F HONGFA-HF115F Datasheet
66Kb / 4P
   MINIATURE HIGH POWER RELAY
HF115F-A HONGFA-HF115F-A Datasheet
69Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-A HONGFA-HF115F-A Datasheet
61Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-A/024-1D1AFXXX HONGFA-HF115F-A/024-1D1AFXXX Datasheet
69Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF115F0051DS2ANIL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com