Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB277Y Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PB277Y
Description  PA and PB Series Panel Protection Devices
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PB277Y Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PB277Y Datasheet HTML 1Page - List of Unclassifed Manufacturers PB277Y Datasheet HTML 2Page - List of Unclassifed Manufacturers PB277Y Datasheet HTML 3Page - List of Unclassifed Manufacturers PB277Y Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product
Description/Specifications
ZHRMU*
Remote Monitoring Unit – Offers clear audio/visual indication of the status
of the surge suppressor unit. Can be installed remotely or adjacent to the
suppressor. Powered locally by a plug-in transformer (included). Can also be
used as a stand-alone diagnostic device using NO/NC dry contacts.
SPECIFICATIONS
Dimensions:
5 1/8" x 4" x 1 1/2"
[135mm x 102mm x 38mm]
Weight:
1 lb.
Protection Indication:
Bright green LED: Illuminated
Fault Indication:
Audible alarm. Bright red LED: Illuminated
Test Functions:
Switch tests audible alarm
(checks monitoring circuitry)
Silent Function:
Switch silences audible alarm
Connections:
Accepts wires up to #14 AWG
ZHRMU250
Cable for Remote Monitoring Unit – 250' [76.2m]cable for use with ZHRMU
Remote Monitoring Unit is available or use your own cable to connect the device.
PABFMC
Flush Mount Cover – For installing PA/PB units on sheetrock or firewall
construction. Cover hides the hole cut and gives the unit a finished look.
Brushed metal cover can be painted to match any decor.
SPECIFICATIONS
Dimensions:
9" x 7"
[229mm x 178mm]
Accessories
* NOTE: ZHRMU can only be used on PA/PB Units with remote contacts (Option A). ZHRMU is also compatible with all ZoneMaster Units (see
ED1165 for details).


Similar Part No. - PB277Y

ManufacturerPart #DatasheetDescription
logo
Powerbox
PB271 POWERBOX-PB271 Datasheet
478Kb / 2P
   100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
PB271-12C-H POWERBOX-PB271-12C-H Datasheet
478Kb / 2P
   100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
PB271-12P-H POWERBOX-PB271-12P-H Datasheet
478Kb / 2P
   100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
PB271-12S-H POWERBOX-PB271-12S-H Datasheet
478Kb / 2P
   100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
PB271-24C-H POWERBOX-PB271-24C-H Datasheet
478Kb / 2P
   100-150 WATTS DC/DC SINGLE OUTPUT RAILWAY
More results

Similar Description - PB277Y

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
LESD8D3.3CAT5G UMW-LESD8D3.3CAT5G Datasheet
468Kb / 4P
   These are Pb−Free Devices
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
   These are Pb−Free Devices
logo
Infineon Technologies A...
ESD242-B1-W01005 INFINEON-ESD242-B1-W01005 Datasheet
831Kb / 13P
   Protection Devices
Revision 1.1 2017-11-27
ESD245-B1-W0201 INFINEON-ESD245-B1-W0201 Datasheet
566Kb / 14P
   Protection Devices
Revision 1.0 2017-06-26
ESD233-B1-W0201 INFINEON-ESD233-B1-W0201 Datasheet
1Mb / 14P
   Protection Devices
Revision 1.0 2017-05-22
ESD249-B1-W0201 INFINEON-ESD249-B1-W0201 Datasheet
732Kb / 14P
   Protection Devices
Revision 1.1 2017-03-14
ESD239-B1-W0201 INFINEON-ESD239-B1-W0201 Datasheet
804Kb / 14P
   Protection Devices
Revision 1.1 2017-09-14
ESD246-B1-W01005 INFINEON-ESD246-B1-W01005 Datasheet
635Kb / 14P
   Protection Devices
Revision 1.0 2017-06-26
logo
Panasonic Semiconductor
ELJPF2N2DF PANASONIC-ELJPF2N2DF Datasheet
283Kb / 5P
   High Power Types PF, PE, PC, PA, PB
ELJPA1R5KF PANASONIC-ELJPA1R5KF Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com