Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA3561 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PA3561
Description  Drywall Punch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA3561 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PA3561 Datasheet HTML 1Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 2Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 3Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 4Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 5Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 6Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 7Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 8Page - List of Unclassifed Manufacturers PA3561 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
KT 8 precision cutter for solid, stranded & flexible cables of soft copper
and aluminum. Precise & effortless cuts. Perfect cutter for coax & UTP cables;
doesn’t deform cable when cut. Cuts up to 6 AWG (16 mm2).
P/N 900265
900265
Cut &
Strip
Kevlar® Cutter for strands in fiber
optic cable. Features hard-chromed
serrated edge steel blades.
P/N 1511
1511
Pen-type fiber optic scribe
with screw-in, non-reversible
carbide tip and pocket clip.
P/N 1922.1
1163
Aluminum polishing pucks with tungsten coating
for polishing fiber optic connectors. Leave less debris
and double the life of plastic pucks.
P/N 1920.1 - SC, ST & FC type
P/N 1926.1 - LC type
FiverOptic™– multi-functional fiber optic stripper strips 2.0–2.4 mm
fiber and 2.8–3.0 mm fiber outer jackets; 2.0–3.0 mm loose tube fiber;
900 µm buffer from loose buffer fiber without removing acrylate, and buffer
and acrylate from 900/125 µm and 250/125 µm fiber. Optimum ergonomic
design prevents awkward wrist bends & handles are rubber-embedded for
additional comfort.
P/N 1163
1163
KT 35 ratcheted cutter for large utility & power cables –
solid, stranded & flexible soft copper and aluminum – features
soft, rubber-embedded handles. Made from hardened, precision
steel cutting blades for long-life. Smooth ratcheting for
one- hand operation. Cuts up to 500 MCM (240 mm2)
cable or diameter of 1.4” (35 mm).
P/N 900256
900256
AM 25, 35 & Universal Professional Slitters
are the original tools designed for slitting PVC & THHN
insulation from round cables! Blade swivels for circular,
longitudinal, & spiral cuts. Great for corrugated aluminum
armor cables and mid-point taps or window slits.
P/N 1820 AM 25 for cables less than 1”
P/N 1821 AM 35 for cables 1.0-1.4”
P/N 1822 Universal Slitter for .18-1.4” diameter cable
1820
4


Similar Part No. - PA3561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA35-13 ETC2-PA35-13 Datasheet
1Mb / 12P
   Client Side Antennas
logo
Laird Tech Smart Techno...
PA35-13 LSTD-PA35-13 Datasheet
1Mb / 2P
   Pole mount or surface mount
logo
List of Unclassifed Man...
PA350 ETC-PA350 Datasheet
352Kb / 1P
   RISING CLAMP TERMINAL BLOCK
logo
Pulse A Technitrol Comp...
PA3519NL PULSE-PA3519NL Datasheet
2Mb / 14P
   High Frequency Wire Wound Transformers
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
   Dual USB Power Control Switch with Over-Current/Voltage Protection
More results

Similar Description - PA3561

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA8037 ETC2-PA8037 Datasheet
1Mb / 16P
   Rough-in outlet boxes with drywall punch and saw
logo
Molex Electronics Ltd.
63444-0805 MOLEX11-63444-0805 Datasheet
34Kb / 1P
   Punch
63444-1421 MOLEX11-63444-1421 Datasheet
33Kb / 1P
   Punch
63444-1605 MOLEX11-63444-1605 Datasheet
33Kb / 1P
   Punch
63444-1609 MOLEX11-63444-1609 Datasheet
33Kb / 1P
   Punch
63444-1836 MOLEX11-63444-1836 Datasheet
34Kb / 1P
   Punch
63446-1902 MOLEX11-63446-1902 Datasheet
41Kb / 1P
   Punch
63444-1009 MOLEX11-63444-1009 Datasheet
34Kb / 1P
   Punch
63444-0802 MOLEX11-63444-0802 Datasheet
33Kb / 1P
   Punch
63446-1110 MOLEX11-63446-1110 Datasheet
63Kb / 1P
   Punch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com