Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF115F0061DNIL3ANIL Datasheet(PDF) 3 Page - Hongfa Technology

Part # HF115F0061DNIL3ANIL
Description  MINIATURE HIGH POWER RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF115F0061DNIL3ANIL Datasheet(HTML) 3 Page - Hongfa Technology

  HF115F0061DNIL3ANIL Datasheet HTML 1Page - Hongfa Technology HF115F0061DNIL3ANIL Datasheet HTML 2Page - Hongfa Technology HF115F0061DNIL3ANIL Datasheet HTML 3Page - Hongfa Technology HF115F0061DNIL3ANIL Datasheet HTML 4Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
8<7
:5<ii Rejjejc /KI88<I6 eee 4ee 4e 48 4ee 0
<ii Rejjejc /KI88<I6 eee 4ee 4e 496:6; 4ee 0
/Ekppki reas0
:5<6<ii Rejjejc3 8 Rkha3 89D3 KI88<I6 eee 48 e 4e 48694ee
<ii Rejjejc3 8 Rkha3 8=D3 KI88<I6 eee 48 e 4e 4:4ee
<ii Rejjejc3 9 Rkha3 ?D3 KI88<I6 eee 49 e 4e 4;4ee
8 Ikni D
8 Ikni E
8 Ikni F
8 Ikni E
8 Ikni F
9 Ikni E
9 Ikni F
8 Ikni D
9 Ikni D
5B:
8 Ikni D 5>: 8 Ikni E 5P: 8 Ikni F
6B:
9 Ikni D 6>: 9 Ikni E 6P: 9 Ikni F
5:
:5<ii 8 lkha 89D
6:
<57ii 8 lkha 89D
7:
<57ii 8 lkha 8=D
8:
<57ii 9 lkha ?D
=]\aQSa [QaU_XQZ
=b`a][U_ `^USXQZ S]TU
8090
:0
=]\aQSa Q__Q\WU[U\a
=]XZ c]ZaQWU
<3 =3 @3 893 8?3 9;3 ;?3 =73 887XGF
KI88<I 6
789
8
D
48K U
MU_`X]\
;:
DcUjQ9
<:
DcPe
FXZ:
DcF`Q
A:
DcF`Q2 Dq lh]pa`
;A:
DcUjQ92 Dq lh]pa`
<A:
DcPe2 Dq lh]pa`
I
C\`bZQaX]\ `aQ\TQ_T
@:
Fh]oo I
FXZ:
Fh]oo E
GI>?ICFA CF@GIE;KCGF
Kd^U
=]\`a_bSaX]\
J:
Rh]ope_ oa]ha`
FXZ:
Ihqt lnkkba`
GLKDCF? >CE?FJCGFJ3 NCICFA >C;AI;E ;F> H= <G;I> D;OGLK
/ZZZ0
WjepA ii
a5c5 /::<0 op]j`o bkn lnk`q_p ej ]__kn`]j_a pk LHF =7::<48 /JYV0
/9<:0 op]j`o bkn Tabhks okh`anejc ranoekj3 bkn 8 lkha pula
F]aU`:
80 Ya na_kiiaj` bhqt lnkkba` pulao bkn ] _ha]j ajrenkjiajp /bnaa bnki _kjp]iej]pekjo hega K9U3 UQ93 PQ93 `qop3 ap_505
Ya oqccaop pk _dkkoa lh]ope_ oa]ha` pulao ]j` r]he`]pa ep ej na]h ]llhe_]pekj bkn ]j qj_ha]j ajrenkjiajp /sepd _kjp]iej]pekjo
hega K9U3 UQ93 PQ93 `qop3 ap_05
:0 Ikn ckh` lh]pa` pula3 pda iej5 osep_dejc _qnnajp ]j` iej5 osep_dejc rkhp]ca eo 87iD <XGF5
90 Fkjp]_p eo na_kiiaj`a` bkn oqep]^ha _kj`epekj ]j` ola_ebe_]pekjo eb s]pan _ha]jejc kn oqnb]_a lnk_aoo eo ejrkhra` ej ]ooai^hejc nah]uo
kj RFE5
Qqpheja Geiajoekjo
Yenejc Ge]cn]i
895> 75:
9@ 75:
=475<t75?
75<t75<
895> 75:
9@ 75:
:475<t75?
75<t75<


Similar Part No. - HF115F0061DNIL3ANIL

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF115F HONGFA-HF115F Datasheet
77Kb / 4P
   MINIATURE HIGH POWER RELAY
HF115F HONGFA-HF115F Datasheet
66Kb / 4P
   MINIATURE HIGH POWER RELAY
HF115F-A HONGFA-HF115F-A Datasheet
69Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-A HONGFA-HF115F-A Datasheet
61Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-A/024-1D1AFXXX HONGFA-HF115F-A/024-1D1AFXXX Datasheet
69Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF115F0061DNIL3ANIL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com