Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1248 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 1248
Description  Drywall Punch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1248 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  1248 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1248 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1248 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1248 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1248 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1248 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1248 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1248 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1248 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
The premium engineering delivers
smooth operation — you’ll immediately
feel the difference .... from start to finish.
Compound Leverage™ Gear System
Compound Leverage™ System:
Patented by SOG Specialty Knives,
Compound Leverage™ generates
double the gripping and wire
cutting power than all other
multi-tool designs.
The special geared design creates
greater leverage and smoother
handle movement than ordinary
multi-tools.
Minimizes the amount of hand
force required for maximum torque.
Multi-
Tools
110 Punchdown Tool
66 Punchdown Tool
UTP Round Wire Stripper
Extra Large Wire Cutter (up to 10 AWG Romex)
Large Wire Cutter (up to 12 AWG Romex)
Wire Cutter (up to Cat5e UTP cable)
Hard Wire Cutter Notch
18/20/22/24 AWG Wire Strippers
10 AWG Wire Stripper
12 AWG Wire Stripper
14 AWG Wire Stripper
Needle Nose & Gripping Pliers
Drywall Punch
Drywall Saw
24-18 AWG & 18-14 AWG Lug Crimpers
Wire Hook & Spudger
1/4” Socket Drive & Hex Bit Adapter
#4 & #6 Slotted Screwdrivers
#1 Phillips Screwdriver
SOG Serrated Knife
3-in-1 File and Bottle Opener
7/16” & 3/8” Nut Drivers
Ruler & Lanyard
Pivoting Handle Covers for comfortable grip
Powerlock™ locks components in place while in use
PowerPlay Multi-Tool Family
PT-540
PT-525
PT-510
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
••
Rough-in outlet boxes with
drywall punch and saw
Cut and strip Romex®, Cat5e and
other low voltage wires and cables
Terminate 110 & 66 blocks with
punchdown tools
Crimp terminal lugs for security
and other low voltage
Patented gear system delivers 2X
the power for cutting and stripping
Effortless one-handed
flip-open
Field-replaceable
folding components
PowerPlay is the only tool designed just
for datacomm, telecom and electrical
wiring professionals. And it does it all ...
from start to finish.
PT-525
is beyond ordinary!
3


Similar Part No. - 1248

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1248 ETC2-1248 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
Heyco.
1248 HEYCO-1248 Datasheet
104Kb / 1P
   Original Strain Relief Bushings
12480 HEYCO-12480 Datasheet
108Kb / 1P
   Shorty Snap Rivets
logo
Adels-Contact
124801 ADELS-124801 Datasheet
117Kb / 2P
   500 SK II/ 1
124802 ADELS-124802 Datasheet
117Kb / 2P
   500 SK II/ 2
More results

Similar Description - 1248

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA8037 ETC2-PA8037 Datasheet
1Mb / 16P
   Rough-in outlet boxes with drywall punch and saw
logo
Molex Electronics Ltd.
63444-0805 MOLEX11-63444-0805 Datasheet
34Kb / 1P
   Punch
63444-1421 MOLEX11-63444-1421 Datasheet
33Kb / 1P
   Punch
63444-1605 MOLEX11-63444-1605 Datasheet
33Kb / 1P
   Punch
63444-1609 MOLEX11-63444-1609 Datasheet
33Kb / 1P
   Punch
63444-1836 MOLEX11-63444-1836 Datasheet
34Kb / 1P
   Punch
63446-1902 MOLEX11-63446-1902 Datasheet
41Kb / 1P
   Punch
63444-1009 MOLEX11-63444-1009 Datasheet
34Kb / 1P
   Punch
63444-0802 MOLEX11-63444-0802 Datasheet
33Kb / 1P
   Punch
63446-1110 MOLEX11-63446-1110 Datasheet
63Kb / 1P
   Punch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com