Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA2910A-PLC44C Datasheet(PDF) 5 Page - InnovASIC, Inc

Part # IA2910A-PLC44C
Description  Microprogram Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA2910A-PLC44C Datasheet(HTML) 5 Page - InnovASIC, Inc

  IA2910A-PLC44C Datasheet HTML 1Page - InnovASIC, Inc IA2910A-PLC44C Datasheet HTML 2Page - InnovASIC, Inc IA2910A-PLC44C Datasheet HTML 3Page - InnovASIC, Inc IA2910A-PLC44C Datasheet HTML 4Page - InnovASIC, Inc IA2910A-PLC44C Datasheet HTML 5Page - InnovASIC, Inc IA2910A-PLC44C Datasheet HTML 6Page - InnovASIC, Inc IA2910A-PLC44C Datasheet HTML 7Page - InnovASIC, Inc IA2910A-PLC44C Datasheet HTML 8Page - InnovASIC, Inc IA2910A-PLC44C Datasheet HTML 9Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Page 5 of 19
IA2910A
Preliminary Data Sheet
Microprogram Controller
Copyright
© 1999, InnovASIC Inc.
Customer Specific IC Solutions
I/O Signal Description
Table 1 below describes the I/O characteristics for each signal on the IC. The signal names
correspond to the signal names on the pinout diagrams provided.
Table 1
Symbol
Type
Description
CLK
I
Clock Input - Clock source for address register, microprogram
counter register, and stack file.
I(3:0)
I
Active high instruction bits. Selects instruction to be executed by the
IA2910A.
CCn
I
Active low. Condition code. Used as test criterion, pass is low on
CCn.
CCENn
I
Active low. Condition code enable. When set high, CCn is ignored
and the IA2910A operates as it CCn were a low.
RLDn
I
Active low. Clock enable to address register, allows loading of
register/counter regardless of instruction or condition.
OEn
I
Active low. Output enable, when high tri-states the output bus
YOUT.
CIN
I
Active high. Carry in signal to the incrementer.
FULLn
O
Active low. Indicates there are nine items on the stack.
DIN(11:0)
I
Active high. Data bus input to the multiplexer.
YOUT(11:0)
O
Active high. Data bus output from the IA2910A.
PLn
O
Active low. Pipeline address enable. Selects source number one
(usually pipeline register) as direct input source.
MAPn
O
Active low. Map address enable. Selects source number two (usually
mapping PROM or PLA) as direct input source.
VECTn
O
Active low. Vector address enable. Selects source number three
(usually interrupt starting address) as direct input source.
Theory of Operation
Table 2 shows the result of each instruction in controlling the mux which determines the YOUT
outputs, and in controlling the three enable signals PLn, MAPn, and VECTn. The effect on the
register/counter and the stack after the next positive-going clock edge is also shown. The mux
determines which internal source drives the YOUT outputs. The value loaded into the counter is


Similar Part No. - IA2910A-PLC44C

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA2910A-PLC44C INNOVASIC-IA2910A-PLC44C Datasheet
681Kb / 21P
   Microprogram Controller
More results

Similar Description - IA2910A-PLC44C

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A_08 Datasheet
681Kb / 21P
   Microprogram Controller
logo
List of Unclassifed Man...
C2910A ETC1-C2910A Datasheet
212Kb / 4P
   Microprogram Controller Megafunction
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
MA2909 ETC1-MA2909 Datasheet
133Kb / 13P
   RADIATION HARD MICROPROGRAM SEQUENCER
logo
Advanced Micro Devices
AM2911A AMD-AM2911A Datasheet
1Mb / 28P
   MICROPROGRAM SEQUENCER BLOCK DIAGRAM
AM29112 AMD-AM29112 Datasheet
1Mb / 19P
   A High-Performance 8-Bit Slice Microprogram Sequencer
logo
Power-One
XCS POWER-ONE-XCS Datasheet
36Kb / 2P
   Controller
logo
Hitachi Semiconductor
H2570 HITACHI-H2570 Datasheet
114Kb / 2P
   CONTROLLER
logo
Festo Corporation.
4252742 FESTO-4252742 Datasheet
84Kb / 3P
   Controller
4252744 FESTO-4252744 Datasheet
85Kb / 3P
   Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com