Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1882 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1882
Description  High Definition Audio SoundMAX Codec
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1882 Datasheet(HTML) 1 Page - Analog Devices

  AD1882_15 Datasheet HTML 1Page - Analog Devices AD1882_15 Datasheet HTML 2Page - Analog Devices AD1882_15 Datasheet HTML 3Page - Analog Devices AD1882_15 Datasheet HTML 4Page - Analog Devices AD1882_15 Datasheet HTML 5Page - Analog Devices AD1882_15 Datasheet HTML 6Page - Analog Devices AD1882_15 Datasheet HTML 7Page - Analog Devices AD1882_15 Datasheet HTML 8Page - Analog Devices AD1882_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Definition Audio
SoundMAX Codec
AD1882
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106 U.S.A.
Tel:781.329.4700
www.analog.com
Fax:781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
2 stereo headphone amplifiers
Microsoft Vista Premium logo for notebook and desktop
95 dB audio outputs, 90 dB audio inputs
Internal 32-bit arithmetic for greater accuracy
Impedance and presence detection on all jack pins
Digital synthesis PCBeep
C/LFE channel swapping
2 general-purpose digital I/O (GPIO) pins
Advanced power management modes
EAPD control for internal speakers
48-lead, Pb-free LFCSP_VQ package
SIX 96 kHz DACs
3 independent stereo DAC pairs
Independent 8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz, 32 kHz,
44.1 kHz, 48 kHz, 88.2 kHz, and 96 kHz sample rates
16-, 20-, and 24-bit PCM resolution
Selectable stereo mixer on outputs
FOUR 96 kHz ADCs
2 independent stereo ADC pairs
Simultaneous record of up to 4 channels
Independent 8 kHz, 11.025 kHz, 16 kHz, 22.05 kHz, 32 kHz,
44.1 kHz, 48 kHz, 88.2 kHz, and 96 kHz sample rates
16-, 20-, and 24-bit resolution
S/PDIF OUTPUT
Supports 44.1 kHz, 48, kHz 88.2 kHz, and 96 kHz sample rates
16-, 20-, and 24-bit data widths; PCM and AC3 formats
Digital PCM gain control
DEDICATED AUXILIARY PINS
Stereo CD input w/GND sense
Mono out pin for internal speakers or telephony
Analog PCBeep input pin
Figure 1. AD1882 Block Diagram
ADC0
ADC1
DAC2
PORT D
PORT F
PORT G
MONO OUT
AD1882
H
D
A
U
D
I
O
I
N
T
E
R
F
A
C
E
PORT A
PORT C
DAC0
HP
HP
DAC1
PCBEEP
CD IN
PORT E
PORT B
DIGITAL
BEEP


Similar Part No. - AD1882_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1882A AD-AD1882A Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882AJCPZ AD-AD1882AJCPZ Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882AJCPZ-RL AD-AD1882AJCPZ-RL Datasheet
353Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ-RL1 AD-AD1882JCPZ-RL1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882JCPZ1 AD-AD1882JCPZ1 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
More results

Similar Description - AD1882_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1984 AD-AD1984 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com