Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IA80C152JC Datasheet(PDF) 8 Page - InnovASIC, Inc

Part # IA80C152JC
Description  UNIVERSAL COMMUNICATIONS CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA80C152JC Datasheet(HTML) 8 Page - InnovASIC, Inc

Back Button IA80C152JC Datasheet HTML 4Page - InnovASIC, Inc IA80C152JC Datasheet HTML 5Page - InnovASIC, Inc IA80C152JC Datasheet HTML 6Page - InnovASIC, Inc IA80C152JC Datasheet HTML 7Page - InnovASIC, Inc IA80C152JC Datasheet HTML 8Page - InnovASIC, Inc IA80C152JC Datasheet HTML 9Page - InnovASIC, Inc IA80C152JC Datasheet HTML 10Page - InnovASIC, Inc IA80C152JC Datasheet HTML 11Page - InnovASIC, Inc IA80C152JC Datasheet HTML 12Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Page 8 of 32
IA80C152
Preliminary Data Sheet
UNIVERSAL COMMUNICATIONS CONTROLLER
Copyright
© 2000
innovASIC
[_________The End of Obsolescence
Table 4 - SFR Summary
Item
Register
Name
Register
Address
Functional
Block
Description
Initial
Value
1.
A
0E0h
C8051
Accumulator
00h
2.
ADR0
095h
GSC
Address Match 0
00h
3.
ADR1
0A5h
GSC
Address Match 1
00h
4.
ADR2
0B5h
GSC
Address Match 2
00h
5.
ADR3
0C5h
GSC
Address Match 3
00h
6.
AMSK0
0D5h
GSC
Address Mask 0
00h
7.
AMSK1
0E5h
GSC
Address Mask 1
00h
8.
B
0F0h
C8051
B Register
00h
9.
BAUD
094h
GSC
Baud Rate
00h
10.
BCRL0
0E2h
DMA
Byte Count Register (Low) 0
X
11.
BCRH0
0E3h
DMA
Byte Count Register (High) 0
X
12.
BCRL1
0F2h
DMA
Byte Count Register (Low) 1
X
13.
BCRH1
0F3h
DMA
Byte Count Register (High) 1
X
14.
BKOFF
0C4h
GSC
Backoff Timer
X
15.
DARL0
0C2h
DMA
Destination Address Register (Low) 0
X
16.
DARH0
0C3h
DMA
Destination Address Register (High) 0
X
17.
DARL1
0D2h
DMA
Destination Address Register (Low) 1
X
18.
DARH1
0D3h
DMA
Destination Address Register (High) 1
X
19.
DCON0
092h
DMA
DMA Control 0
00h
20.
DCON1
093h
DMA
DMA Control 1
00h
21.
DPH
083h
C8051
Data Pointer High
00h
22.
DPL
082h
C8051
Data Pointer Low
00h
23.
GMOD
084h
GSC
GSC Mode
X0000000b
24.
IE
0A8h
C8051
Interrupt Enable
0XX00000b
25.
IEN1
0C8h
DMA, GSC
Interrupt Enable 1
XX000000b
26.
IFS
0A4h
GSC
Interframe Space
00h
27.
IP
0B8h
C8051
Interrupt Priority
XXX00000b
28.
IPN1
0F8h
DMA, GSC
Interrupt Priority 1
XX000000b
29.
MYSLOT
0F5h
GSC
GSC Slot Address
00h
30.
P0
080h
C8051
Port 0
0FFh
31.
P1
090h
C8051
Port 1
0FFh
32.
P2
0A0h
C8051
Port 2
0FFh
33.
P3
0B0h
C8051
Port 3
0FFh
34.
P4
0C0h
C8051
Port 4
0FFh
35.
P5
091h
C8051
Port 5
0FFh
36.
P6
0A1h
C8051
Port 6
0FFh
37.
PCON
087h
C8051
Power Control
0XXX0000b
38.
PRBS
0E4h
GSC
Pseudo-Random Sequence
00h
39.
PSW
0D0h
C8051
Program Status Word
00h
40.
RFIFO
0F4h
GSC
Receive FIFO
X
41.
RSTAT
0E8h
GSC
Receive Status
00h
42.
SARL0
0A2h
DMA
Source Address Register (Low) 0
X
43.
SARH0
0A3h
DMA
Source Address Register (High) 0
X
44.
SARL1
0B2h
DMA
Source Address Register (Low) 1
X
45.
SARH1
0B3h
DMA
Source Address Register (High) 1
X
46.
SBUF
099h
C8051
Serial Channel Buffer (UART)
X
47.
SCON
098h
C8051
Serial Channel Control (UART)
00h
48.
SLOTTM
0B4h
GSC
GSC Slot Time
00h
49.
SP
081h
C8051
Stack Pointer
07h
50.
TCDCNT
0D4h
GSC
Transmit Collision Counter
X
51.
TCON
088h
C8051
Timer Control
00h


Similar Part No. - IA80C152JC

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA80C152JC INNOVASIC-IA80C152JC Datasheet
914Kb / 61P
   Universal Communications Controller
More results

Similar Description - IA80C152JC

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA80C152 INNOVASIC-IA80C152_10 Datasheet
914Kb / 61P
   Universal Communications Controller
logo
NXP Semiconductors
SCN26562 PHILIPS-SCN26562 Datasheet
101Kb / 17P
   Dual universal serial communications controller DUSCC
1995 May 1
SCN68562 PHILIPS-SCN68562 Datasheet
120Kb / 18P
   Dual universal serial communications controller DUSCC
1995 May 01
SC68C562 PHILIPS-SC68C562 Datasheet
163Kb / 26P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562 Datasheet
151Kb / 22P
   CMOS dual universal serial communications controller CDUSCC
1998 Sep 04
SC26C562 PHILIPS-SC26C562_06 Datasheet
150Kb / 22P
   CMOS dual universal serial communications controller (CDUSCC)
2006 Aug 10
logo
SMSC Corporation
IRCC SMSC-IRCC Datasheet
434Kb / 79P
   INFRARED COMMUNICATIONS CONTROLLER
IRCC2.0 SMSC-IRCC2.0 Datasheet
510Kb / 87P
   Infrared Communications Controller
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044 Datasheet
220Kb / 49P
   SDLC COMMUNICATIONS CONTROLLER
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com