Electronic Components Datasheet Search |
|
1765.3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
1765.3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 16 page KT 8 precision cutter for solid, stranded & flexible cables of soft copper and aluminum. Precise & effortless cuts. Perfect cutter for coax & UTP cables; doesn’t deform cable when cut. Cuts up to 6 AWG (16 mm2). P/N 900265 900265 Cut & Strip Kevlar® Cutter for strands in fiber optic cable. Features hard-chromed serrated edge steel blades. P/N 1511 1511 Pen-type fiber optic scribe with screw-in, non-reversible carbide tip and pocket clip. P/N 1922.1 1163 Aluminum polishing pucks with tungsten coating for polishing fiber optic connectors. Leave less debris and double the life of plastic pucks. P/N 1920.1 - SC, ST & FC type P/N 1926.1 - LC type FiverOptic™– multi-functional fiber optic stripper strips 2.0–2.4 mm fiber and 2.8–3.0 mm fiber outer jackets; 2.0–3.0 mm loose tube fiber; 900 µm buffer from loose buffer fiber without removing acrylate, and buffer and acrylate from 900/125 µm and 250/125 µm fiber. Optimum ergonomic design prevents awkward wrist bends & handles are rubber-embedded for additional comfort. P/N 1163 1163 KT 35 ratcheted cutter for large utility & power cables – solid, stranded & flexible soft copper and aluminum – features soft, rubber-embedded handles. Made from hardened, precision steel cutting blades for long-life. Smooth ratcheting for one- hand operation. Cuts up to 500 MCM (240 mm2) cable or diameter of 1.4” (35 mm). P/N 900256 900256 AM 25, 35 & Universal Professional Slitters – are the original tools designed for slitting PVC & THHN insulation from round cables! Blade swivels for circular, longitudinal, & spiral cuts. Great for corrugated aluminum armor cables and mid-point taps or window slits. P/N 1820 AM 25 for cables less than 1” P/N 1821 AM 35 for cables 1.0-1.4” P/N 1822 Universal Slitter for .18-1.4” diameter cable 1820 4 |
Similar Part No. - 1765.3 |
|
Similar Description - 1765.3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |