Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF2110-1B-15DTF Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF2110-1B-15DTF
Description  MINIATURE HIGH POWER RELAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF2110-1B-15DTF Datasheet(HTML) 1 Page - Hongfa Technology

  HF2110-1B-15DTF Datasheet HTML 1Page - Hongfa Technology HF2110-1B-15DTF Datasheet HTML 2Page - Hongfa Technology HF2110-1B-15DTF Datasheet HTML 3Page - Hongfa Technology HF2110-1B-15DTF Datasheet HTML 4Page - Hongfa Technology HF2110-1B-15DTF Datasheet HTML 5Page - Hongfa Technology HF2110-1B-15DTF Datasheet HTML 6Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
9LIVWTLU
w=@9 ~Cdpvgijkgm
w=@9 ~Cdpt,tfnffhfhmkjl
tCBH57H F5H=B;
_-9Gd @C58`
tCBH57H
F9G=GH5B79
rDDFCLd offA2
tC=@ DCK9F
mhff1r
ilff1r
jnff1r
hjff1r
lff2
iff2
lff2
iff2
y*~xwr -v|r4
z.*offgbz.*e/.glojo bz.*gjffgb *y.r.gnffgbzvt,,t fnffff tv-/zwzvu
hfgj -9Jd gdfg
hik
.<C7?
F9G=GH5B79
u=9@97HF=7
GHF9B;H<
rA6=9BH H9AD9F5HIF9
s9HK99B 7C=@
^ 7CBH57HG
s9HK99B CD9B
7CBH57HG
gkff1rt gA=B
/9FA=B5H=CB
g L gfm*+.
a
gr HMD9pg L gfk*+. _ifr hjf1rtb -9G=GH=J9
@C58br;t8*b -CCA H9ADdbgGCB oGC::`
}5Ld GK=H7<=B;
JC@H5;9
?RVLU3
a}5L=AIA JC@H5;9 F9:9FG HC H<9 A5L=AIA JC@H5;9 K<=7< F9@5M
7C=@ 7CI@8 9B8IF9 =B 5 G<CFH D9F=C8 C: H=A9d
V ifr GK=H7<=B; 75D56=@=HM
V+ts 7C=@ H9FA=B5@Gb =895@ :CF <95JM8IHM@C58
V hdk?1 8=9@97HF=7 GHF9B;H< _69HK99B 7C=@ 5B8 7CBH57HG`
V 0B9B7@CG98 HMD9 5J5=@56@9
V0| =BGI@5H=CB GMGH9Ap t@5GG w 5J5=@56@9
V vBJ=FCBA9BH5@ :F=9B8@MDFC8I7H _-Cy. 7CAD@=5BH`
V *IH@=B9 u=A9BG=CBGp _ywhggf`_hndj L hidk L gkdi` AA
;92110/;92120
tCBH57H
5FF5B;9A9BH
tCBH57H A5H9F=5@
}5Ld GK=H7<=B;
DCK9F
}5Ld GK=H7<=B;
7IFF9BH
6@?D46D 74D4
><?<4DEB8 ;<:; A@G8B B8=4H
~CA=B5@
1C@H5;9
1ut
tC=@
-9G=GH5B79
+=7?cID
1C@H5;9
1ut
A5Ld
uFCDcCIH
1C@H5;9
1ut
A=Bd
6@<= 74D4
k
l
o
gh
gk
hm L _g gf]`
jf L _g gf]`
om L _g gf]`
gkk L _g gf]`
hkl L _g gf]`
idmk
jdkf
ldmk
odff
ggdhk
fdk
fdl
fdo
gdh
gdk
gn
hj
jn
mf
ggf
inf L _g gf]`
llf L _g gf]`
hklf L _g gf]`
kkff L _g gf]`
gijkf L _g gf]`
gidkf
gndff
ildff
khdkf
nhdkf
gdn
hdj
jdn
mdf
ggdf
gr
gs
gt_~*`
gt_~t`
kfA A5Ld_5H gr hj1ut`
r;.B*hb r;t8*
ifr hjf1rt gkr hjf1rt hfr hjf1rt gfr hjf1rt
hfr if1ut gfr if1ut hfr if1ut
gfr if1ut
hmm1rteif1ut
jfr
gkr
hfr
gfr
6@<=
5H hi
}5Ld
1C@H5;9
1ut
}97<5B=75@
9B8IF5B79
ldk
mdn
ggdm
gkdl
godk
hidj
igdh
lhdj
ogdf
gjidf
6;4B46D8B<CD<6C
zBGI@5H=CB F9G=GH5B79
*D9F5H9 H=A9 _5H BCA=d JC@Hd`
-9@95G9 H=A9 _5H BCA=d JC@Hd`
wIB7H=CB5@
u9GHFI7H=J9
1=6F5H=CB F9G=GH5B79
yIA=8=HM
0B=H K9=;<H
tCBGHFI7H=CB
gfff} _5H kff1ut`
ywhggfeywhghfp hkff1rt gA=B
ywhgggeywhghgp hfff1rt gA=B
gkAG A5Ld
gfAG A5Ld
ckkCt HC nkCt
onAeGh
onfAeGh
gfyNHC kkyN gAA ur
k] HC nk] -y
ywhggfehgggp +ts
ywhghfehghgp +ts ^ ,t
rDDFCLdhk;
0B9B7@CG98
v@97HF=75@
9B8IF5B79
?RVLU3 g` /<9 85H5 G<CKB 56CJ9 5F9 =B=H=5@ J5@I9Gd
h` +@95G9 :=B8 7C=@ H9AD9F5HIF9 7IFJ9 =B H<9 7<5F57H9F=GH=7 7IFJ9G 69@CKd
i` 0| =BGI@5H=CB GMGH9Apt@5GG wbt@5GG sd


Similar Part No. - HF2110-1B-15DTF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF2110-1B110FXXX HONGFA-HF2110-1B110FXXX Datasheet
130Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2110-1B110XXX HONGFA-HF2110-1B110XXX Datasheet
130Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2110-1B12FXXX HONGFA-HF2110-1B12FXXX Datasheet
130Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2110-1B12XXX HONGFA-HF2110-1B12XXX Datasheet
130Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2110-1B15FXXX HONGFA-HF2110-1B15FXXX Datasheet
130Kb / 6P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF2110-1B-15DTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com